Electronic Components Datasheet Search
  English  ▼

X  

ABC350 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC350
Description  350 W with Forced Air Cooling & 200 W with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC350 Datasheet HTML 1Page - Bel Fuse Inc. ABC350 Datasheet HTML 2Page - Bel Fuse Inc. ABC350 Datasheet HTML 3Page - Bel Fuse Inc. ABC350 Datasheet HTML 4Page - Bel Fuse Inc. ABC350 Datasheet HTML 5Page - Bel Fuse Inc. ABC350 Datasheet HTML 6Page - Bel Fuse Inc. ABC350 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The ABC350 Series of open frame power supplies feature a wide
universal AC input range of 90 – 264 VAC, offering 350 W of output
power in a compact 3 x 5 x 1 inch footprint, with a variety of isolated
single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
3 x 5 x 1 Inch Form Factor
•
350 W with Forced Air Cooling & 200 W with Convection Cooling
•
Efficiencies up to 94%
•
No Load Power < 0.5 W
•
-40 to 70°C Operating Temperature
•
12 V / 0.5 A Fan Output, Thermal Shut-Down Feature
•
2.56 Million Hours, Telcordia -SR332-Issue 3 MTBF
•
IEC/EN/UL 62368-1:2018 (Ed 3.0) Certified
•
IEC/EN 61558 Compliant (Suitable for Household and Similar electrical
equipment certified under IEC/EN 60335-1 standards)
•
CCC (China Compulsory Certification approval)
•
Approved with metal enclosures/accessories
•
RoHS Compliant
▪
Instrumentation
▪
Lighting
▪
Industrial Applications
▪
Applied Computing
▪
Renewable Energy
▪
Test and Measurement
▪
Automation Control
▪
Wireless Communication


Similar Part No. - ABC350

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350 BEL-ABC350 Datasheet
779Kb / 6P
RoHS Compliant
ABC350-1012L BEL-ABC350-1012L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
ABC350-1012L BEL-ABC350-1012L Datasheet
779Kb / 6P
RoHS Compliant
ABC350-1015L BEL-ABC350-1015L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
ABC350-1015L BEL-ABC350-1015L Datasheet
779Kb / 6P
RoHS Compliant
More results

Similar Description - ABC350

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
200 W / 300 W with Convection Cooling
logo
Arch Electronics Corp.
MQF120U ARCH-MQF120U Datasheet
201Kb / 3P
Cooling by Free Air Convection
logo
Bel Fuse Inc.
ABC180 BEL-ABC180 Datasheet
802Kb / 7P
180 Watts with Forced Air Cooling
logo
Wall Industries,Inc.
PSLS03-16 WALL-PSLS03-16 Datasheet
743Kb / 6P
Cooling by Free Air Convection
logo
Bel Fuse Inc.
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
225 W with Forced Air Cooling & 130 W with Convection Cooling
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
Convection or Forced Air Cooling
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
200 W with Forced-Air Cooling
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
225 W with Forced Air Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com