Electronic Components Datasheet Search
  English  ▼

X  

ABC350 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC350
Description  350 W with Forced Air Cooling & 200 W with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC350 Datasheet HTML 1Page - Bel Fuse Inc. ABC350 Datasheet HTML 2Page - Bel Fuse Inc. ABC350 Datasheet HTML 3Page - Bel Fuse Inc. ABC350 Datasheet HTML 4Page - Bel Fuse Inc. ABC350 Datasheet HTML 5Page - Bel Fuse Inc. ABC350 Datasheet HTML 6Page - Bel Fuse Inc. ABC350 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ABC350 Series
tech.support@psbel.com
5.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output: for ITE application
Input to GND:
3000 VAC
1500 VAC
Safety Standards
IEC 62368-1:2018, IEC 61558-1:2005, IEC 61558-1:2005/AMD1:2009, IEC 61558-2-16:2009,
IEC 61558-2-16:2009 /AMD1:2013, IEC 60950-1(ed.2); am1; am2, EN 61558-2-16:2009; A1,
EN 61558-1:2005; A1,
EN 60950-1:2006; A11; A1; A12; A2, UL 62368-1 and CAN/CSA C22.2 No. 62368-1:19
UL 60950-1 and CAN/CSA C22.2 No. 60950-1-07, GB4943.1-2011; GB9254-2008; GB17625.1-2012
Agency Approvals
Nemko, UL, C-UL, CCC
CE mark
Complies with LVD Directive
6.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature 7
-40 to 0°C startup guaranteed, with spec deviation 8
-40 to +70°C
Storage Temperature
-40 to 85° C
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
Humidity
Non-Condensing
5% to 95%
Reliability
MTBF according to Telcordia - SR332-Issue 3
2.56 million hours
7.
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Molex: 26-60-4030
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Screw Terminal
(Option 1)
Pin 1
Pin 2
V1 +VE
V1 - VE
6-32 inches Screw Pan HD
Mating: 16 AWG wire crimped to Ring
Tongue Terminal AMP: 8-31886-1
Molex Connector
(Option 2)
Pin 1,2,3,4
Pin 5,6,7,8
V1 +VE
V1 - VE
Molex: 26-60-4080
Mating: 09-50-3081; Pins: 08-50-0106
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN -VE
AMP :640456-2
Mating: 640440-2
Earth
J4
Molex: 19705-4301
Mating: 19003-0001
8.
Weight
300 g
Dimensions
76.2 x 127.0 x 25.4 mm (3 x 5 x 1 inch)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com