Electronic Components Datasheet Search
  English  ▼

X  

ABC401 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC401
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC401 Datasheet HTML 1Page - Bel Fuse Inc. ABC401 Datasheet HTML 2Page - Bel Fuse Inc. ABC401 Datasheet HTML 3Page - Bel Fuse Inc. ABC401 Datasheet HTML 4Page - Bel Fuse Inc. ABC401 Datasheet HTML 5Page - Bel Fuse Inc. ABC401 Datasheet HTML 6Page - Bel Fuse Inc. ABC401 Datasheet HTML 7Page - Bel Fuse Inc. ABC401 Datasheet HTML 8Page - Bel Fuse Inc. ABC401 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The ABC401 Series of AC-DC power supplies provides up to 400 W
of regulated output power through wide input voltage range 90 – 264
VAC in single outputs of 12, 24, 28, 36 or 48 VDC.
The ABC401 Series comes in five different low-profile packages,
offering 12 and 5 VSB standby outputs and a full set of protection
features. Available control signals include Power Good (P_OK),
Remote On/Off (PS_ON) and remote sense compensation on the (+)
load line.
The ABC401 Series complies with the latest international safety
standards for IT equipment and displays the CE-Mark for the
European Low Voltage Directive (LVD).
•
Universal input voltage range (90 – 264 VAC)
•
Active PFC, EN 61000-3-2 Class C, D compliant
•
Steady 400 W output power (440 W peak)
•
High efficiency (94% typical)
•
Low stand by power consumption (<0.5 W)
•
12, 24, 28, 36, 48 VDC standard output voltages
•
+5V stand by, 2 A and 12 V auxiliary, 1 A outputs
•
Low earth/touch leakage currents (<300/100 µA)
•
Fan speed control function (Off at <50 W)
•
Over temperature protection
•
Input under voltage, output over voltage protections
•
Over current and short circuit protection
•
Remote On/Off and power good signal
•
5 available packages all fit 1U installation
•
IEC/EN/UL 60950-1 and 62368-1 compliance
•
EN55032, FCC Class B, conducted radiated emissions.
•
EN55024 immunity
•
4000 m operation without de-rating
•
RoHS 3 compliant (Directive EU 2015/863)
•
Video Wall Display & Entertainment
•
Industrial Process Control
•
Telecommunications
•
Test & Measurement Equipment
•
Industrial Laser applications
•
3D Printing and ATM


Similar Part No. - ABC401

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40 BEL-ABC40 Datasheet
660Kb / 5P
RoHS Compliant
logo
Power-One
ABC40-1005G POWER-ONE-ABC40-1005G Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40-1005G BEL-ABC40-1005G Datasheet
660Kb / 5P
RoHS Compliant
ABC40-1005G BEL-ABC40-1005G Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
More results

Similar Description - ABC401

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
Wide Input Voltage Range 90-264 VAC
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com