Electronic Components Datasheet Search
  English  ▼

X  

ABC401 Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # ABC401
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401 Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button ABC401 Datasheet HTML 6Page - Bel Fuse Inc. ABC401 Datasheet HTML 7Page - Bel Fuse Inc. ABC401 Datasheet HTML 8Page - Bel Fuse Inc. ABC401 Datasheet HTML 9Page - Bel Fuse Inc. ABC401 Datasheet HTML 10Page - Bel Fuse Inc. ABC401 Datasheet HTML 11Page - Bel Fuse Inc. ABC401 Datasheet HTML 12Page - Bel Fuse Inc. ABC401 Datasheet HTML 13Page - Bel Fuse Inc. ABC401 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
ABC401 Series
tech.support@psbel.com
AC INPUT CONNECTOR – P1
Molex 26-60-4030 or equivalent
Mating Connector:
Molex 09-93-0300 (Crimp Terminal Housing)
Molex 08-50-0105 (Crimp Terminal, 18-24 AWG)
PIN REF.
FUNCTION
1
Line 1
2
Not Present
3
Line 2
PROTECTION EARTH CONNECTOR - P5
PIN REF.
FUNCTION
GDN
AC Ground
Tyco 63849-1 equivalent
Mating Connector:
Any tin finished 6.35 x 0.81 mm receptacle
DC OUTPUT CONNECTOR – P4
PIN REF.
FUNCTION
1 – 6
V1
7 – 12
DC Return
Molex 39-28-8120 or equivalent
Mating Connector:
Molex 39-01-2120 (Crimp Terminal Housing)
Molex 39-00-0039 (Crimp Terminal, 18-24 AWG)
SIGNAL CONNECTOR – P6
PIN REF.
FUNCTION
1
+5VSB
2
P_OK
3
-V2
4
PS_ON
5
RS+
6
RTN
7
+V2
8
RTN
Molex 90130-1108 or equivalent
Mating Connector
Molex 90142-0008 (Crimp Terminal Housing)
Molex 90119-0109 (Crimp Terminal, 22-24 AWG)
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com