Electronic Components Datasheet Search
  English  ▼

X  

ABC450 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC450
Description  450 W (with airflow), 300 W (without airflow)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABC450 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2021 Bel Power Solutions & Protection
BCD.00326_AH
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATIONS
Output Voltage
5 to 48 V
Output Power
3, 4
475 W for 24 V, 30 V models &
500 W for 48 V model only for 5 seconds max.
155 to 450 W
Standby Output
5
5 VDC
Fan Output
6
12 V
Efficiency (Full Load)
120 VAC
24, 30 & 48 V models
12 & 15 V models
5 V model
88%
86%
83% typical
230 VAC
24, 30 & 48 V models
90%
Hold Up Time
120 / 230 VAC
10 ms
Power Factor
120 VAC
230 VAC
0.98
0.95
Line Regulation
± 0.5%
Load Regulation
± 3%
Transient Response
<10%, 50% to 100% load change, 50 Hz, 50% duty
cycle, 0.1 A/µs
Recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance
± 1%
Output Voltage Adjustment
V1
± 3 %
Over Voltage Protection
Latch Type
>114%
Over Current Protection
Hiccup type
120 to 150%
Short Circuit Protection
Short term, auto recovery
Over Temperature Protection
Automatic recovery
130°C primary heat sink
Current Share
Up to 2 supplies connected in parallel (optional)
Cooling
Convection
5 V model
12 & 15 V models
24, 30 & 48 V models
155 W
250 W
300 W
With 420 LFM
5 V model
12 & 15 V models
24, 30 & 48 V models
275 W
450 W
450 W
3
Combined output power of main output, fan supply and standby supply shall not exceed max. power rating.
4
Derate output power linearly to 80% from 90 VAC to 80 VAC input.
5
Standby output voltage 5 V / 1.5 A (convection) / 2 A (420 LFM) with tolerance including set point accuracy, line & load regulation is
+/-10%. Ripple and noise is less than 5%.
6
Fan supply output voltage 12V / 500 mA with tolerance including set point accuracy, line and load regulation is +/-30% and needs min.
1% load on main output to be within regulation band. Ripple and noise is less than 10%.
PARAMETER
DESCRIPTION / CONDITION
Power Good Signal
TTL signal goes high after main output is within regulation band, delay is 0.1 to 0.3 s
Remote Sense
Compensates for 200 mV drop
Remote on/off
To turn on PSU short remote pin to ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com