Electronic Components Datasheet Search
  English  ▼

X  

ABC450 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # ABC450
Description  450 W (with airflow), 300 W (without airflow)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc. ABC450 Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ABC450 Series
tech.support@psbel.com
During the installation and setup of parallel supplies in a system it is important that a single remote sense point be used f or all
the supplies.
The remote sense voltage between the supplies must be adjusted to within 2% to ensure the supplies are inside the 3% capture
window.
If the supplies are not initially adjusted inside the capture window the supplies will not current share.
NOTE:
“CURRENT SHARING “ facility is inclusive with the unit only with ordering of the “ CURRENT SHARING “ option unit i.e.
ABC450-1XXX-I or ABC450-1XXX-I.
SET-UP PROCEDURE:
1
Connect load cables to the outputs of each supply.
2
Connect the remote sense lines to the load in twisted style. (A common remote sense point must be used for all the
supplies in parallel).
3
Connect all the “current share” pins on the J3 connector between the supplies.
4
Adjust remote sense voltage of each supply to within 1% of rated output voltage or readjust to required set point.
(Adjustment to be done with all other parallel supplies off).
5
Current sharing between the supplies can be verified by monitoring the output current of each supply with a hall effect DC
current probe. The supplies should share to within 10% of the total load current.
6
The current share circuit has a capture window voltage of +/- 3% of the rated output voltage. If the output remote sense
voltage of one of the supplies is adjusted outside the 3% window the supplies will not current share.
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com