Electronic Components Datasheet Search
  English  ▼

X  

ABC450 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC450
Description  450 W (with airflow), 300 W (without airflow)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The ABC450 Series of open-frame power supplies, with its wide
universal 90 – 264 VAC input range and high power density, is
available at 450 W of output power and a variety of single output
voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
•
4 x 6.5 x 1.61 Inches
•
Universal AC Input Voltage
•
450 W (with airflow), 300 W (without airflow)
•
Peak Power Capability
•
Low No Load Power
•
IEC / EN / UL 62368-1 Compliant
•
Side Fan or Top Fan Mounting Options
•
Current Sharing Option
•
ITE Safety Agency Approvals
•
RoHS Compliant
•
CE marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Test and Measurement
•
Robotics
•
Renewable Energy
•
Data Communication
•
Applied Computing


Similar Part No. - ABC450

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC450 BEL-ABC450 Datasheet
2Mb / 9P
ITE Safety Agency Approvals
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
These power supplies are ideal for telecom
ABC450-1T05G BEL-ABC450-1T05G Datasheet
2Mb / 9P
ITE Safety Agency Approvals
ABC450-1T12G BEL-ABC450-1T12G Datasheet
2Mb / 9P
ITE Safety Agency Approvals
ABC450-1T15G BEL-ABC450-1T15G Datasheet
2Mb / 9P
ITE Safety Agency Approvals
More results

Similar Description - ABC450

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
MEMS Airflow Sensor
D6F-10A OMRON-D6F-10A_10 Datasheet
568Kb / 6P
MEMS Airflow Sensor
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
Honeywell Solid State E...
FSG15N1A HONEYWELL-FSG15N1A Datasheet
396Kb / 10P
Pressure Airflow Force
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
MASS AIRFLOW SENSOR
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
MASS AIRFLOW SENSOR
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
MASS AIRFLOW SENSOR
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com