Electronic Components Datasheet Search
  English  ▼

X  

ST300S Datasheet(PDF) 2 Page - International Rectifier

Part # ST300S
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST300S Datasheet(HTML) 2 Page - International Rectifier

  ST300S Datasheet HTML 1Page - International Rectifier ST300S Datasheet HTML 2Page - International Rectifier ST300S Datasheet HTML 3Page - International Rectifier ST300S Datasheet HTML 4Page - International Rectifier ST300S Datasheet HTML 5Page - International Rectifier ST300S Datasheet HTML 6Page - International Rectifier ST300S Datasheet HTML 7Page - International Rectifier ST300S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST300S Series
2
Bulletin I25158 rev. B 01/94
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J = TJ max
VV
mA
04
400
500
08
800
900
12
1200
1300
16
1600
1700
18
1800
1900
20
2000
2100
ST300S
50
I
T(AV)
Max. average on-state current
300
A
180° conduction, half sine wave
@ Case temperature
75
°C
I
T(RMS)
Max. RMS on-state current
470
A
DC @ 64°C case temperature
I
TSM
Max. peak, one-cycle
8000
t = 10ms
No voltage
non-repetitive surge current
8380
t = 8.3ms
reapplied
6730
t = 10ms
100% V
RRM
7040
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
320
t = 10ms
No voltage
Initial T
J
= T
J
max.
292
t = 8.3ms
reapplied
226
t = 10ms
100% V
RRM
207
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√t for fusing
3200
KA
2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.66
V
I
pk
= 940A, T
J = TJ max, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Typical latching current
1000
0.97
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
0.74
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
0.73
(I >
π x I
T(AV)),TJ = TJ max.
Parameter
ST300S
Units Conditions
0.98
(I >
π x I
T(AV)),TJ = TJ max.
On-state Conduction
KA2s
m
Ω
mA
T
J
= 25°C, anode supply 12V resistive load
V
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com