Electronic Components Datasheet Search
  English  ▼

X  

ST300S Datasheet(PDF) 5 Page - International Rectifier

Part # ST300S
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST300S Datasheet(HTML) 5 Page - International Rectifier

  ST300S Datasheet HTML 1Page - International Rectifier ST300S Datasheet HTML 2Page - International Rectifier ST300S Datasheet HTML 3Page - International Rectifier ST300S Datasheet HTML 4Page - International Rectifier ST300S Datasheet HTML 5Page - International Rectifier ST300S Datasheet HTML 6Page - International Rectifier ST300S Datasheet HTML 7Page - International Rectifier ST300S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST300S Series
5
Bulletin I25158 rev. B 01/94
www.irf.com
Fast-on Terminals
Case Style TO-209AE (TO-118)
All dimensions in millimeters (inches)
Outline Table
Case Style TO-209AE (TO-118)
with top thread terminal 3/8"
All dimensions in millimeters (inches)
RED CATHODE
RED SILICON RUBBER
10.5 (0.41)
WHITE GATE
4.3 (0.17) DIA.
CERAMIC HOUSING
WHITE SHRINK
NOM.
38 (1.50)
MAX. DIA.
* FOR METRIC DEVICE: M24 X 1.5 - LENGHT SCREW 21 (0.83) MAX.
22 (0.87) MAX.
SW 45
2
FLEXIBLE LEAD
4.5 (0.18) MAX.
C.S. 50mm
(0.078 s.i.)
RED SHRINK
49 (1.92) MAX.
3/4"16 UNF-2A
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
* FOR METRIC DEVICE: M24 x 1.5 - LENGHT SCREW 21 (0.83) MAX.
3/4"-16UNF-2A *
3/8"-24UNF-2A
17 (0.67) DIA.
AMP. 280000-1
REF-250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com