Electronic Components Datasheet Search
  English  ▼

X  

ST300S Datasheet(PDF) 4 Page - International Rectifier

Part # ST300S
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST300S Datasheet(HTML) 4 Page - International Rectifier

  ST300S Datasheet HTML 1Page - International Rectifier ST300S Datasheet HTML 2Page - International Rectifier ST300S Datasheet HTML 3Page - International Rectifier ST300S Datasheet HTML 4Page - International Rectifier ST300S Datasheet HTML 5Page - International Rectifier ST300S Datasheet HTML 6Page - International Rectifier ST300S Datasheet HTML 7Page - International Rectifier ST300S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST300S Series
4
Bulletin I25158 rev. B 01/94
www.irf.com
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Mounting torque, ± 10%
48.5
(425)
wt
Approximate weight
535
g
Case style
TO - 209AE (TO-118)
See Outline Table
Parameter
ST300S
Units
Conditions
0.10
DC operation
0.03
Mounting surface, smooth, flat and greased
°C
Thermal and Mechanical Specification
Non lubricated threads
K/W
Nm
(lbf-in)
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.011
0.008
T
J
= T
J
max.
120°
0.013
0.014
90°
0.017
0.018
K/W
60°
0.025
0.026
30°
0.041
0.042
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 16UNF threads
M = Stud base metric threads (M24 x 1.5)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
3 = Threaded top terminal 3/8" 24UNF-2A
8
-
Critical dv/dt: None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
Device Code
5
3
4
ST
30
0
S
20
P
0
7
8
12
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com