Electronic Components Datasheet Search
  English  ▼

X  

1521287 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1521287
Description  Connector - SACC-MINMS-3CON-PG 9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521287 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1521287 Datasheet HTML 1Page - PHOENIX CONTACT 1521287 Datasheet HTML 2Page - PHOENIX CONTACT 1521287 Datasheet HTML 3Page - PHOENIX CONTACT 1521287 Datasheet HTML 4Page - PHOENIX CONTACT 1521287 Datasheet HTML 5Page - PHOENIX CONTACT 1521287 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1521287
08/12/2021   Page 4 / 6
Connector - SACC-MINMS-3CON-PG 9 - 1521287
Classifications
UNSPSC
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
39121413
UNSPSC 18.0
39121413
UNSPSC 19.0
39121413
UNSPSC 20.0
39121413
UNSPSC 21.0
39121413
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE221474
 
 
Nominal voltage UN
600 V
Nominal current IN
12 A
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE221474
 
 
Nominal voltage UN
600 V
Nominal current IN
12 A
EAC 
 
 RU C-
DE.BL08.B.00511



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com