Electronic Components Datasheet Search
  English  ▼

X  

1521287 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1521287
Description  Connector - SACC-MINMS-3CON-PG 9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521287 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1521287 Datasheet HTML 1Page - PHOENIX CONTACT 1521287 Datasheet HTML 2Page - PHOENIX CONTACT 1521287 Datasheet HTML 3Page - PHOENIX CONTACT 1521287 Datasheet HTML 4Page - PHOENIX CONTACT 1521287 Datasheet HTML 5Page - PHOENIX CONTACT 1521287 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1521287
08/12/2021   Page 1 / 6
Connector - SACC-MINMS-3CON-PG 9 - 1521287
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Connector, Universal, 3-position, Plug straight 7/8"-UNF, Coding: A, Screw connection, knurl material: Zinc
die-cast, nickel-plated, cable gland Pg9, external cable diameter 6 mm ... 8 mm, Contact 1 leading
Your advantages
 Safe use in the field, thanks to a high degree of protection
 Screw connection: proven connection technology for a large selection of different conductors
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918949747
Technical data
Dimensions
Diameter housing
27 mm
Length
83 mm
External cable diameter
6 mm ... 8 mm
Stripping length of the sheath
30 mm
Stripping length of the individual wire
7 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Note
NOTE: Observe the permissible bending radii when laying conductors,
since the degree of protection may be put in jeopardy if the bending
forces are too high. Alleviate mechanical loads upstream of the
connector, e.g. by using cable ties.


Similar Part No. - 1521287

ManufacturerPart #DatasheetDescription
logo
Heyco.
15212 HEYCO-15212 Datasheet
218Kb / 1P
Heyco® Edge Clips
logo
PHOENIX CONTACT
1521216 PHOENIX-1521216 Datasheet
67Kb / 5P
Connector hood - SACB-C-H180- 6/3-M8
1521229 PHOENIX-1521229 Datasheet
67Kb / 5P
Connector hood - SACB-C-H180- 4/3-M8
1521258 PHOENIX-1521258 Datasheet
162Kb / 4P
SACC-M12MSD-4CON-PG 7-SH
1521261 PHOENIX-1521261 Datasheet
152Kb / 4P
SACC-M12MSD-4CON-PG 9-SH
More results

Similar Description - 1521287

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1455007 PHOENIX-1455007 Datasheet
69Kb / 4P
Flush-type connector - SACC-DSI-MINMS-3CON-UNF PCB
1521290 PHOENIX-1521290 Datasheet
278Kb / 6P
Connector - SACC-MINMS-3CON-PG13
1521300 PHOENIX-1521300 Datasheet
315Kb / 6P
Connector - SACC-MINFS-3CON-PG 9
1521326 PHOENIX-1521326 Datasheet
325Kb / 6P
Connector - SACC-MINMS-4CON-PG 9
1521342 PHOENIX-1521342 Datasheet
332Kb / 6P
Connector - SACC-MINFS-4CON-PG 9
1521478 PHOENIX-1521478 Datasheet
354Kb / 6P
Connector - SACC-MINFR-3CON-PG 9
1500774 PHOENIX-1500774 Datasheet
574Kb / 15P
SACC-M12MS-5CON-PG 9 - Connector
1521465 PHOENIX-1521465 Datasheet
477Kb / 12P
SACC-MINMR-3CON-PG 9 - Connector
1521517 PHOENIX-1521517 Datasheet
501Kb / 12P
SACC-MINFR-5CON-PG 9 - Connector
1521668 PHOENIX-1521668 Datasheet
496Kb / 11P
SACC-MINMS-5CON-PG 9 - Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com