Electronic Components Datasheet Search
  English  ▼

X  

1521287 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1521287
Description  Connector - SACC-MINMS-3CON-PG 9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521287 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1521287 Datasheet HTML 1Page - PHOENIX CONTACT 1521287 Datasheet HTML 2Page - PHOENIX CONTACT 1521287 Datasheet HTML 3Page - PHOENIX CONTACT 1521287 Datasheet HTML 4Page - PHOENIX CONTACT 1521287 Datasheet HTML 5Page - PHOENIX CONTACT 1521287 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1521287
08/12/2021   Page 2 / 6
Connector - SACC-MINMS-3CON-PG 9 - 1521287
Technical data
General
Rated current at 40°C
12 A
Rated voltage
300 V AC
300 V DC
Number of positions
3
Insulation resistance
≥ 100 MΩ
Coding
A - standard
Signal type/category
Universal
Status display
No
Overvoltage category
III
Degree of pollution
3
Connection method
Screw connection
Conductor cross section
0.34 mm² ... 1.5 mm² (without ferrule)
0.34 mm² ... 1.5 mm² (with ferrule)
0.34 mm² ... 1.5 mm² (solid)
Conductor cross section AWG
22 ... 16 (without ferrule)
22 ... 16 (with ferrule)
Insertion/withdrawal cycles
≥ 100
Torque
0.8 Nm (7/8" connectors)
0.4 Nm (Screw terminal blocks)
0.8 Nm ... 1 Nm (Pressure screw)
Tightening torque
Screw plug insert with sleeve housing as far it will go
Assembly instructions
The wires can be connected both with ferrules and without ferrules
Material
Flammability rating according to UL 94
HB
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PUR / PA 6.6
Material of grip body
PBT
Material, knurls
Zinc die-cast, nickel-plated
Standards and Regulations
Connection in acc. with standard
CUL
Flammability rating according to UL 94
HB
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com