Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9986
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9986 Datasheet HTML 1Page - Maxim Integrated Products MAX9986 Datasheet HTML 2Page - Maxim Integrated Products MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9986 evaluation kit (EV kit) simplifies the evalu-
ation of the MAX9986 815MHz to 995MHz base-station
downconversion mixer. It is fully assembled and tested
at the factory. Standard 50
Ω SMA connectors are
included on the EV kit’s input and output ports to allow
quick and easy evaluation on the test bench.
This document provides a list of test equipment required
to evaluate the device, a straightforward test procedure
to verify functionality, a description of the EV kit circuit,
the circuit schematic, a bill of materials (BOM) for the kit,
and artwork for each layer of the PC board.
Contact MaximDirect sales at 888-629-4642 for pricing
and availability on these kits.
Features
o Fully Assembled and Tested
o 815MHz to 995MHz RF Frequency
o 960MHz to 1180MHz LO Frequency
o 50MHz to 250MHz IF Frequency
o 10dB Conversion Gain
o 23.6dBm IIP3
o 9.3dB Noise Figure
o Integrated LO Buffer
o Switch-Selectable (SPDT), Two LO Inputs
o -3dBm to +3dBm LO Drive
o 49dB LO1 to LO2 Isolation
o 50Ω SMA Connectors on Input and Output Ports
o 4:1 Balun for Single-Ended IF Output
MAX9986 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-3725; Rev 0; 7/05
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX9986EVKIT
TC = -40°C to +85°C**
20 Thin QFN-EP*
DESIGNATION
QTY
DESCRIPTION
C1
1
10pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H100J
C2, C4, C7, C8,
C10, C11, C12
7
82pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H820J
C3, C5, C6, C9,
C13, C14
6
0.01µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H103K
C15
1
220pF ±5%, 50V C0G ceramic
capacitor (0402)
Murata GRM1555C1H221J
J1– J4
4
PC board edge-mount SMA RF
connectors
(flat-tab launch)
Johnson 142-0741-856
DESIGNATION
QTY
DESCRIPTION
L1, L2
2
330nH ±5% wire-wound inductors
(0805)
Coilcraft 0805CS-331XJBC
L3
1
30nH ±5% wire-wound inductor
(0603)
Coilcraft 0603CS-30NXJBC
R1
1
953
Ω ±1% resistor (0603)
Any
R2
1
619
Ω ±1% resistor (0603)
Any
R3
1
3.57
Ω ±1% resistor (1206)
Digi-Key 311-3.57FCT-ND
R4
1
47k
Ω ±5% resistor (0603)
T1
1
4:1 transformer (200:50)
Mini-Circuits TC4-1W-7A
*EP = Exposed paddle.
**TC = Case temperature.


Similar Part No. - MAX9986

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9986AETP MAXIM-MAX9986AETP Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9986AETP+ MAXIM-MAX9986AETP+ Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9986AETP+T MAXIM-MAX9986AETP+T Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
More results

Similar Description - MAX9986

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com