Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9986
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9986 Datasheet HTML 1Page - Maxim Integrated Products MAX9986 Datasheet HTML 2Page - Maxim Integrated Products MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Layout Considerations
The MAX9986 evaluation board can be a guide for your
board layout. Pay close attention to thermal design and
close placement of components to the IC. The MAX9986
package exposed paddle (EP) conducts heat from the
device and provides a low-impedance electrical connec-
tion to the ground plane. The EP MUST be attached to
the PC board ground plane with a low-thermal and elec-
trical impedance contact. Ideally, this is achieved by sol-
dering the backside of the package directly to a top
metal ground plane on the PC board. Alternatively, the
EP can be connected to an internal or bottom-side
ground plane using an array of plated vias directly below
the EP. The MAX9986 EV kit uses nine evenly spaced,
0.016in-diameter, plated through holes to connect the
EP to the lower ground planes.
Depending on the ground-plane spacing, large sur-
face-mount pads in the IF path may need to have the
ground plane relieved under them to reduce parasitic
shunt capacitance. The layout should be such to min-
mize the coupling from L1, L2, and L3.
Modifying the EV Kit
The RF and LO inputs are broadband matched, so
there is no need to modify the circuit for use anywhere
in the 815MHz to 995MHz RF range (960MHz to
1180MHz LO range).
Retuning for a different IF is as simple as scaling the
values of the IF pullup inductors up or down with fre-
quency. The IF output looks like 200
Ω differential in
parallel with a capacitor. The capacitance is due to the
combination of the IC, PC board, and external IF com-
ponents. The capacitance from the IC is approximately
1pF to ground (0.5pF differential), while that from the
PC board and external components is approximately
1pF to ground. The total 2pF of capacitance is resonat-
ed out at the frequency of interest by bias inductors L1
and L2. To determine the inductor value use the follow-
ing equation:
The IF output is tuned for operation at approximately
200MHz, so a 330nH inductor is used. For lower IF fre-
quency (i.e., larger component values), maintain the
component’s Q value at the cost of larger case size,
unless it is unavoidable.
The DC current of the device can be reduced but the
performance will be degraded. Reducing the current is
accomplished by increasing the values of R1 and R2.
Resistor R1 sets the current in the IF amplifier, whereas
R2 sets the current in the LO buffer that drives the
mixer core.
Setting R1 to 953
Ω and R2 to 619Ω results in IF and LO
currents of 130mA and 71mA, respectively. Approxi-
mately 21mA of additional current is used in other
circuits and cannot be reduced. To reduce these adjust-
able currents in half, double the values of R1 and R2.
Doing so would reduce the current to approximately
130mA but the gain and IP3 would drop approximately
0.3dB and 2.5dB, respectively. Some of the other per-
formance values will degrade or improve due to
reduced current.
Since the linearity of the device is a result of the cascad-
ed performance of the IF amplifier and the mixer, care-
fully choose the correct combination of R1 and R2 to
produce the highest IP3 at the lowest desired current.
f
LC
IF =
1
2
π
MAX9986 Evaluation Kit
4
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Coilcraft
800-322-2645
www.coilcraft.com
Digi-Key
800-344-4539
www.digikey.com
Johnson
507-833-8822
www.johnsoncomponents.com
Mini-Circuits
718-934-4500
www.minicircuits.com
Murata
770-436-1300
www.murata.com
Note: Indicate that you are using the MAX9986 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com