Electronic Components Datasheet Search
  English  ▼

X  

MAX9986 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9986
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9986 Datasheet HTML 1Page - Maxim Integrated Products MAX9986 Datasheet HTML 2Page - Maxim Integrated Products MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX9986 Evaluation Kit
_______________________________________________________________________________________
5
-
+
-
+
POWER SUPPLY
3-OUT, HPIB
(AG E3631A)
RF SIGNAL GENERATOR
(HP 8648B)
RF POWER METER
(GIGA 80701A,
HP 437B)
RF HIGH-
POWER SENSOR
(AMMETER)
3dB
3dB
3dB
3dB
LO2
RFIN
LO1
IFOUT
+5V
GND
MAX9986EVKIT
RF SIGNAL GENERATOR
(HP 8648B)
RF SIGNAL GENERATOR
(HP 8648B)
910.000MHz
1070.000MHz
1069.000MHz
5.0V 250mA (300mA)
RF SPECTRUM ANALYZER
(HP 8561x)
BENCH
MULTIMETER HPIB
(HP 34401A)
222mA
LOSEL
GND
OPEN
Figure 1. Test Setup Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com