Electronic Components Datasheet Search
  English  ▼

X  

M61531FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61531FP
Description  6ch Electronic Volume with 10 Input Selectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61531FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61531FP Datasheet HTML 3Page - Renesas Technology Corp M61531FP Datasheet HTML 4Page - Renesas Technology Corp M61531FP Datasheet HTML 5Page - Renesas Technology Corp M61531FP Datasheet HTML 6Page - Renesas Technology Corp M61531FP Datasheet HTML 7Page - Renesas Technology Corp M61531FP Datasheet HTML 8Page - Renesas Technology Corp M61531FP Datasheet HTML 9Page - Renesas Technology Corp M61531FP Datasheet HTML 10Page - Renesas Technology Corp M61531FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M61531FP
Preliminary
Rev.1.1, Jun.01.2004, page 7 of 19
Setting Code
(1) Input Selector
(2) Input ATT
Setting
D0a
D1a
D2a
D3a
Setting
D4a
D5a
All off
0
0
0
0
0 dB
0
0
IN1
0
0
0
1
–6 dB
0
1
IN2
0
0
1
0
–12 dB
1
0
IN3
0
0
1
1
–18 dB
1
1
IN4
0
1
0
0
IN5
0
1
0
1
(3) REC Output
IN6
0
1
1
0
REC Output
REC1
REC2
REC3
REC4
IN7
0
1
1
1
Setting
D6a
D7a
D8a
D9a
IN8
1
0
0
0
Off
0
0
0
0
IN9
1
0
0
1
On
1
1
1
1
IN10
1
0
1
0
(4) Multi Input Selector
(Except for L/R)
(5) L/R VOL Input
(6) Input Gain Control
Setting
D10a
Setting
D11a
D19a
Setting
D12a
D13a
Multi IN1
0
Bypass
0
∗
0 dB
0
0
Multi IN2
1
Multi IN1
1
0
+6 dB
0
1
Multi IN2
1
1
+12 dB
1
0
+18 dB
1
1
(7) Output Gain Control
(8) IN10/REC4 Selector
(9) All Ch Output Mute
Setting
D14a
D15a
Setting
D16a
Setting
D17a
0 dB
0
0
IN10
0
Mute off
0
+6 dB
0
1
REC4
1
Mute on
1
+12 dB
1
0
+18 dB
1
1
(10)Multi Input Mute
(Except for L/R)
(12)Tone Input ATT
(13)Bypass/Tone
Setting
D18a
Setting
D9d
D10d
Setting
D11d
Mute off Depend
0
0 dB
0
0
Bypass
0
on (4) Multi Input
–6 dB
0
1
Tone
1
Mute on
1
–12 dB
1
0
–18 dB
1
1
Note:
(//////) It’s initial setting when power is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com