Electronic Components Datasheet Search
  English  ▼

X  

M61531FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61531FP
Description  6ch Electronic Volume with 10 Input Selectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61531FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61531FP Datasheet HTML 1Page - Renesas Technology Corp M61531FP Datasheet HTML 2Page - Renesas Technology Corp M61531FP Datasheet HTML 3Page - Renesas Technology Corp M61531FP Datasheet HTML 4Page - Renesas Technology Corp M61531FP Datasheet HTML 5Page - Renesas Technology Corp M61531FP Datasheet HTML 6Page - Renesas Technology Corp M61531FP Datasheet HTML 7Page - Renesas Technology Corp M61531FP Datasheet HTML 8Page - Renesas Technology Corp M61531FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev.1.1, Jun.01.2004, page 1 of 19
Preliminary
M61531FP
6ch Electronic Volume with 10 Input Selectors
REJ03F0050-0110Z
Rev.1.1
Jun.01.2004
Features
Functions
Features
Electric volume
6 channel independent electric volume with high voltage transistor (0 to –99 dB/1 dB step, –
∞ dB)
Input selector
L/R channel 10 input selector
Multi channel input
All channel 2 input selector
Tone Control
(1) Bass: –16 to +16 dB (2 dB step), Treble: –10 to +10 dB (2 dB step)
(2) Tone block position is selectable
(3) Tone input ATT (0/–6/–12/–18 dB)
Loudness
Built-in loudness circuit of center tap type in L/Rch
REC output
4 Lines REC output (Both L and R channels)
Input ATT
Input ATT (for ADC: 0/–6/–12/–18 dB)
Input gain control
Input gain control (0/+6/+12/+18 dB)
Output gain control
Output gain control (0/+6/+12/+18 dB)
Balance out
Built-in balance out (for ADC)
Bus control
3 wire control, 3 to 5V I/F support
Application
• Receiver, AV Amp, Mini Stereo etc.
Recommended Operating Condition
• Supply voltage range: AVCC = 7.0 V (Typ.), AVEE = –7.0 V (Typ.), DVDD = 2.7 to 5.5 V
System Block Diagram
MCU I/F
Rch
Lout
REC OUTL
Lch
2
1
3
4
5
6
7
8
AVCC
AVEE
DVDD
DGND
Rout
SLout
Cout
SWout
SRout
GND
1
2
3
4
5
6
7
8
Input ATT
(for ADC)
Balance
Out L(+)
Output Gain
Control
Output Gain
Control
Output Gain
Control
Output Gain
Control
Output Gain
Control
Output Gain
Control
Multi
Rin
Multi
Li n
REC OUTR
Multi
SLin
Multi
SR in
Multi
Cin
Multi
SWin
10
9
10
9
Input Gain
Control
Input Gain
Control
Input Gain
Control
Input Gain
Control
Input Gain
Control
Input Gain
Control
Input ATT
(for ADC)
Bass&Treble
Bass&Treble
Bass&Treble
Bass&Treble
Tone Block Positionisselectable.
Tone Input ATT
Tone Input
ATT
Tone
Tone
Loud L
Loud R
Loud L /
Balance
Out L(-)
Loud R /
Balance
Out R(-)
Balance
Out R(+)


Similar Part No. - M61531FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
4ch Electronic Volume with 5.1ch Analog Input
logo
Hitachi Semiconductor
M61532FP HITACHI-M61532FP Datasheet
245Kb / 15P
8ch Electronic Volume with 9 Input Selector
logo
Renesas Technology Corp
M61532FP RENESAS-M61532FP Datasheet
246Kb / 15P
8ch Electronic Volume with 9 Input Selector
logo
Hitachi Semiconductor
M61533FP HITACHI-M61533FP Datasheet
374Kb / 13P
4ch Electronic Volume with AGC
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
4ch Electronic Volume with AGC
More results

Similar Description - M61531FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61527FP RENESAS-M61527FP Datasheet
230Kb / 18P
6ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
6ch Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com