Electronic Components Datasheet Search
  English  ▼

X  

M61531FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61531FP
Description  6ch Electronic Volume with 10 Input Selectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61531FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61531FP Datasheet HTML 4Page - Renesas Technology Corp M61531FP Datasheet HTML 5Page - Renesas Technology Corp M61531FP Datasheet HTML 6Page - Renesas Technology Corp M61531FP Datasheet HTML 7Page - Renesas Technology Corp M61531FP Datasheet HTML 8Page - Renesas Technology Corp M61531FP Datasheet HTML 9Page - Renesas Technology Corp M61531FP Datasheet HTML 10Page - Renesas Technology Corp M61531FP Datasheet HTML 11Page - Renesas Technology Corp M61531FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
M61531FP
Preliminary
Rev.1.1, Jun.01.2004, page 8 of 19
Setting Code (cont.)
(11)Tone Control (Bass/Treble)
(14)Tone Block Position
Bass
D0d
D1d
D2d
D3d
D4d
Setting
D12d
ATT Setting
Treble
—
D5d
D6d
D7d
D8d
Before VOL
0
+16 dB*
1
0
0
0
0
After VOL
1
+14 dB*
0
1
1
1
1
+12 dB*
0
1
1
1
0
(15)Loudness
+10 dB
0
1
1
0
1
Setting
D13d
+8 dB
0
1
1
0
0
Off
0
+6 dB
0
1
0
1
1
On
1
+4 dB
0
1
0
1
0
+2 dB
0
1
0
0
1
(16)Loud/Balance
0
0
0
0
0
0
Setting
D14d
–2 dB
0
0
0
0
1
Balance output
0
–4 dB
0
0
0
1
0
Loudness
1
–6 dB
0
0
0
1
1
–8 dB
0
0
1
0
0
(17)L/R Bypass
–10 dB
0
0
1
0
1
Setting
D15d
–12 dB*
0
0
1
1
0
Selector
0
–14 dB*
0
0
1
1
1
External IN
1
–16 dB*
0
1
0
0
0
Note:
(//////) It’s initial setting when power is turned on.
* Only bypass setting
(18)6 channel Volume
Lch
D0b
D1b
D2b
D3b
D4b
D5b
D6b
Lch
D0b
D1b
D2b
D3b
D4b
D5b
D6b
SLch
D0c
D1c
D2c
D3c
D4c
D5c
D6c
SLch
D0c
D1c
D2c
D3c
D4c
D5c
D6c
Rch
D7b
D8b
D9b
D10b
D11b
D12b
D13b
Rch
D7b
D8b
D9b
D10b
D11b
D12b
D13b
SRch
D7c
D8c
D9c
D10c
D11c
D12c
D13c
SRch
D7c
D8c
D9c
D10c
D11c
D12c
D13c
Cch
D14b
D15b
D16b
D17b
D18b
D19b
D20b
Cch
D14b
D15b
D16b
D17b
D18b
D19b
D20b
ATT
SWch
D14c
D15c
D16c
D17c
D18c
D19c
D20c
ATT
SWch
D14c
D15c
D16c
D17c
D18c
D19c
D20c
0 dB
0
0
0
0
0
0
0
–16 dB
0
0
1
0
0
0
0
–1 dB
0
0
0
0
0
0
1
–17 dB
0
0
1
0
0
0
1
–2 dB
0
0
0
0
0
1
0
–18 dB
0
0
1
0
0
1
0
–3 dB
0
0
0
0
0
1
1
–19 dB
0
0
1
0
0
1
1
–4 dB
0
0
0
0
1
0
0
–20 dB
0
0
1
0
1
0
0
–5 dB
0
0
0
0
1
0
1
–21 dB
0
0
1
0
1
0
1
–6 dB
0
0
0
0
1
1
0
–22 dB
0
0
1
0
1
1
0
–7 dB
0
0
0
0
1
1
1
–23 dB
0
0
1
0
1
1
1
–8 dB
0
0
0
1
0
0
0
–24 dB
0
0
1
1
0
0
0
–9 dB
0
0
0
1
0
0
1
–25 dB
0
0
1
1
0
0
1
–10 dB
0
0
0
1
0
1
0
–26 dB
0
0
1
1
0
1
0
–11 dB
0
0
0
1
0
1
1
–27 dB
0
0
1
1
0
1
1
–12 dB
0
0
0
1
1
0
0
–28 dB
0
0
1
1
1
0
0
–13 dB
0
0
0
1
1
0
1
–29 dB
0
0
1
1
1
0
1
–14 dB
0
0
0
1
1
1
0
–30 dB
0
0
1
1
1
1
0
–15 dB
0
0
0
1
1
1
1
–31 dB
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com