Electronic Components Datasheet Search
  English  ▼

X  

MBC150 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MBC150
Description  4 x 2 x 1.3 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC150 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MBC150 Datasheet HTML 1Page - Bel Fuse Inc. MBC150 Datasheet HTML 2Page - Bel Fuse Inc. MBC150 Datasheet HTML 3Page - Bel Fuse Inc. MBC150 Datasheet HTML 4Page - Bel Fuse Inc. MBC150 Datasheet HTML 5Page - Bel Fuse Inc. MBC150 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MBC150 Series
tech.support@psbel.com
MODEL
1
CONNECTOR
OUTPUT
VOLTAGE
MAX LOAD
2
MIN LOAD
POWER
CONVECTION
300 LFM
MBC150-1005G
JST (Header)
5 VDC
16.0 A
16.0 A
0.0 A
80 W
MBC150-1T05G
Screw Terminal
20.0 A
100 W
MBC150-1012G
JST (Header)
12 VDC
8.33 A
12.5 A
0.0 A
150 W
MBC150-1T12G
Screw Terminal
MBC150-1015G
JST (Header)
15 VDC
6.67 A
10.0 A
0.0 A
150 W
MBC150-1T15G
Screw Terminal
MBC150-1024G
JST (Header)
24 VDC
4.17 A
6.25 A
0.0 A
150 W
MBC150-1T24G
Screw Terminal
MBC150-1048G
JST (Header)
48 VDC
2.08 A
3.13 A
0.0 A
150 W
MBC150-1T48G
Screw Terminal
COVER-150-XBC
3
Metal Cover Kit (accessory)
1
Class I products have an Earthing tab. For Class II version (without Earthing tab) add suffix -2 (e.g.: MBC150-1012G-2).
2
Combined output power from V1 and VFAN should not exceed the total output power rating.
3
When used in Cover Kit, de-rate output power to 70 % under all operating conditions.
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
90 – 264 VAC / 120 – 390 VDC
Input Frequency
47 – 63 Hz
Input Current
120 VAC:
230 VAC:
1.70 A max.
0.85 A max.
No Load Power
1.2 W
Inrush Current
120 VAC:
230 VAC:
35 A max.
65 A max.
Leakage Current
120 VAC:
230 VAC:
< 140 µA
< 250 µA
No Load Power
1.2 W
Switching Frequency
PFC converter (variable)
Resonant converter (variable)
35 – 250 kHz, 90 kHz typical
35 – 250 kHz, 90 kHz typical



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com