Electronic Components Datasheet Search
  English  ▼

X  

MBC150 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MBC150
Description  4 x 2 x 1.3 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC150 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MBC150 Datasheet HTML 1Page - Bel Fuse Inc. MBC150 Datasheet HTML 2Page - Bel Fuse Inc. MBC150 Datasheet HTML 3Page - Bel Fuse Inc. MBC150 Datasheet HTML 4Page - Bel Fuse Inc. MBC150 Datasheet HTML 5Page - Bel Fuse Inc. MBC150 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBC150 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2021 Bel Power Solutions & Protection
BCD.00288_AF
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Voltage
Refer to Model Selection table
5 V to 48 V
Output Power
4
Peak Power: 170 W for 2 s
150 W
Fan Output
5
@ 5 A
12 V
Efficiency
120 VAC:
230 VAC:
84% typical
86% typical
Hold Up Time
120 VAC:
230 VAC:
6 ms
10 ms
Power Factor
120 VAC:
230 VAC:
0.99
0.95
Line Regulation
± 0.5%
Load Regulation
± 2.0%
Transient Response
50 to 100% load change, 50 Hz, 50% duty cycle, 0.1A / µs
< 10%,
recovery time < 5 ms
Ripple
6
All outputs
1.0 % max
Rise Time
< 100 ms
Set Point Accuracy
Main output
± 1%
Output Voltage Adjustment
V1
± 3 %
Over Current Protection
110% typical above rating
Over Voltage Protection
V1
110 to 150%
Short Circuit Protection
Short term, Automatic recovery
Cooling
Convection
80 W (5 V model), 100 W (other models)
300 LFM
100 W (5 V model), 150 W (other models)
4
Derate output power linearly to 80% from 90 VAC to 80 VAC input.
5
Fan output voltage tolerance is +/-20 %. Peak current for fan output is 1 A.
6
Ripple is 2 % up to 20 % load and < 1 % above 20 % load. Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Electrolytic
capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
Conducted Emissions
EN 55011-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55011 B
Pass
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 4, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 4, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com