Electronic Components Datasheet Search
  English  ▼

X  

MBC150 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # MBC150
Description  4 x 2 x 1.3 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC150 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  MBC150 Datasheet HTML 1Page - Bel Fuse Inc. MBC150 Datasheet HTML 2Page - Bel Fuse Inc. MBC150 Datasheet HTML 3Page - Bel Fuse Inc. MBC150 Datasheet HTML 4Page - Bel Fuse Inc. MBC150 Datasheet HTML 5Page - Bel Fuse Inc. MBC150 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MBC150 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output:
Min. 5900 VDC
Safety Standards
EN 60601-1, IEC 60601-1 (ed.3),
ANSI / AAMI ES 60601 - 1, CSA C22.2 No. 60601-1
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
7
-20 to 0°C start-up is guaranteed
-20 to 70°C
Storage Temperature
-40 to 70° C
Humidity
Non Condensing
95%
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
2.4 million hours
7
Refer to derating curves
Convection load: 80 W up to 50 °C
De-rate above 50 °C @ 3.125% per °C
Forced air cooled load: 100W up to 50°C
De-rate above 50 °C @ 2.5% per °C
Convection load: 100 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Forced air cooled load : 150 W up to 50°C
De-rate above 50 °C @ 1.67% per °C
Figure 1. Derating Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com