Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8330
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8330 Datasheet HTML 5Page - Analog Devices LT8330 Datasheet HTML 6Page - Analog Devices LT8330 Datasheet HTML 7Page - Analog Devices LT8330 Datasheet HTML 8Page - Analog Devices LT8330 Datasheet HTML 9Page - Analog Devices LT8330 Datasheet HTML 10Page - Analog Devices LT8330 Datasheet HTML 11Page - Analog Devices LT8330 Datasheet HTML 12Page - Analog Devices LT8330 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8337/LT8337-1
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SYNC/MODE (Pin 1): External Synchronization Input and
Mode Selection Pin. This pin allows five selectable modes
for optimization of performance:
SYNC/MODE PIN INPUT
CAPABLE MODE(S) OF OPERATION
(1) GND or <0.1V
Burst
(2) 50k Resistor to GND
Burst/SSFM
(3) Float (Pin Open)
Pulse-Skipping
(4) INTVCC or > (INTVCC–0.2V)
Pulse-Skipping/SSFM
(5) External Clock
Pulse-Skipping/Sync
where the selectable modes of operation are:
Burst = low IQ, (low output ripple operation at light loads)
Pulse-Skipping=skippedpulse(s)atlightload(alignedclock)
SSFM = spread spectrum frequency modulation for low EMI
Sync = switching frequency synchronized to external clock.
The LT8337/LT8337-1 automatically selects pulse-skip-
ping mode with no spread spectrum frequency modu-
lation during start-up, and The SYNC/MODE pin input
configurations (1) through (4) are ignored.
The LT8337/LT8337-1 automatically select low IQ opera-
tion in the PassThru mode operation, and all the SYNC/
MODE pin input configurations are ignored.
RT (Pin 2): Switching Frequency Adjustment Pin. The
LT8337/LT8337-1 switching frequency is programmed
by connecting a resistor of the appropriate value from the
RT pin to GND at Pin 3. See the Applications Information
section for more detail. Do not leave the RT pin open.
GND (Pins 3, 5, 8, Exposed Pad Pin 17): Ground. The
exposed pad should be soldered to the PCB ground plane
for good thermal and electrical performance. See the
Applications Information section for sample layout.
FB (Pin 4): Feedback Input Pin. This pin receives the feed-
back voltage from the external resistor divider between
VOUT and Pin 3 GND. FB pin is one input to the error
amplifier of the output voltage control loop. See the
Applications Information section for sample layout.
VOUT (Pins 6, 7): Output Pins. Connect one 1µF capaci-
tor between VOUT at Pin 6 and GND at Pin 5 only, and a
matching 1µF capacitor between VOUT at Pin 7 and GND
at Pin 8 only. These two capacitors complete the Silent
Switcher configuration and must be placed as close to
the IC as possible to achieve lowest EMI. Additional bulk
capacitors of 2.2µF or more should be placed close to
the IC with the positive terminals connected to VOUT, and
negative terminals connected to ground plane. See the
Applications Information section for a sample layout.
SW (Pins 9, 10, 11): The SW pins are the outputs of
the internal power switches. Tie these pins together and
connect them to the inductor and one side of the boost
capacitor CBST.
BST (Pin 12): Top Switch Gate Driver Supply Pin. Place
a 0.1µF capacitor (CBST) between the BST and SW pins
and close to the IC.
VIN (Pin 13): Input Supply Pin. This pin must be con-
nected to the input of the power stage (the inductor’s
input terminal).
EN/UVLO (Pin 14): Enable and Input Undervoltage
Lockout Pin. The IC is shut down when this pin is below
1V (typical). The IC draws a low VIN current of 0.3μA
(typical) when this pin is below 0.15V. The IC is enabled
when this pin is above 1.0V (typical). A resistor divider
from VIN to GND can be used to program a VIN threshold
below which the IC is shut down. See the Applications
Information section for further details. Tie EN/UVLO to
VIN if the shutdown feature is not used.
INTVCC (Pin 15): Internal 3.5V Regulator Bypass Pin.
This pin provides supply for internal drivers and control
circuits. The bypass capacitor for INTVCC should be con-
nected to the ground plane. Do not load the INTVCC pin
with external circuitry. This pin must be bypassed with a
1µF or larger low ESR ceramic capacitor placed close to
the pin.
PG (Pin 16, LT8337 Only): Power Good Indicator. Open-
drain logic output that is pulled to ground when the output
voltage is greater than ±8% outside the regulated volt-
age. PG is also pulled to ground when EN/UVLO is below
1V, INTVCC has fallen too low, or the IC enters thermal
shutdown.
VC (Pin 16, LT8337-1 Only): Error Amplifier Output and
Switch Regulator Compensation Pin. Connect this pin to
appropriate external RC network to compensate the regu-
lator loop frequency response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com