Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8330
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8330 Datasheet HTML 13Page - Analog Devices LT8330 Datasheet HTML 14Page - Analog Devices LT8330 Datasheet HTML 15Page - Analog Devices LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices LT8330 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8337/LT8337-1
17
Rev. 0
For more information www.analog.com
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency at the cost of
reduced efficiencies and higher switching currents.
The inductor ripple current ∆ISW has a direct effect on the
choice of the inductor value, the converter’s maximum
output current capability, and the light load efficiency in
Burst Mode operation. Choosing smaller values of ∆ISW
increases output current capability and light load effi-
ciency in Burst Mode operation, but require large induc-
tance values and reduce the current loop gain. Accepting
larger values of ∆ISW provides fast transient response and
allows the use of low inductance values, but results in
higher input current ripple, greater core losses, lower light
load efficiency in Burst Mode operation, and lower output
current capability. Large values of ∆ISW at high duty cycle
operation may result in sub-harmonic oscillation. ∆ISW =
1.2A to 2.4A generally provides a good starting value for
many applications, and careful evaluation of system sta-
bility should be made to ensure adequate design margin.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined using Equation 11.
L =
VIN(MIN)
∆ISW • fSW
•DMAX
(11)
The peak inductor current is equal to the LT8337/
LT8337-1 bottom switch current limit as given in the
Electrical Characteristics table. The user should choose
an inductor with sufficient saturation and RMS current
ratings to handle the inductor’s peak current.
Input Capacitor Selection
The input ripple current in a boost converter is relatively
low (compared with the output ripple current), because
this current is continuous. The voltage rating of the input
capacitor, CIN, should comfortably exceed the maximum
input voltage. Although ceramic capacitors can be rela-
tively tolerant of overvoltage conditions, aluminum elec-
trolytic capacitors are not. Be sure to characterize the
APPLICATIONS INFORMATION
input voltage for any possible overvoltage transients that
could apply excess stress to the input capacitors.
The value of CIN is a function of the source impedance,
and in general, the higher the source impedance, the
higher the required input capacitance.
The RMS CIN ripple current can be estimated by
Equation 12.
IRMS(CIN) = 0.3 • ∆IL
(12)
Output Capacitor Selection
The output capacitor has two essential functions. First, it
filters the LT8337/LT8337-1’s discontinuous top switch
current to produce the DC output. In this role, it deter-
mines the output ripple, thus low impedance at the switch-
ing frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
IC’s control loop. The X5R or X7R type ceramic capacitors
have very low equivalent series resistance (ESR), which
provides low output ripple and good transient response.
Transient performance can be improved with higher out-
put capacitance and the addition of a feedforward capaci-
tor placed between VOUT and FB. When a feedforward
capacitor is used or output capacitance is adjusted, a
careful evaluation of system stability should be made to
ensure adequate design margin. Increasing the output
capacitance will also decrease the output voltage ripple.
Lower value of output capacitance can be used to save
space and cost, but transient performance will suffer and
loop instability may result.
Besides the bulk output capacitors, two small output
ceramic capacitors, 1µF each, should be placed as close
as possible to the IC to complete the Silent Switcher can-
cellation loops.
See the Board Layout section for more detail. XR7 or
X5R capacitors are recommended for best performance
across temperature and output voltage variations. Note
that larger output capacitance is required when a lower
switching frequency is used. If there is significant induc-
tance to the load due to long wires or cables, additional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com