Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8330
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8330 Datasheet HTML 14Page - Analog Devices LT8330 Datasheet HTML 15Page - Analog Devices LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices LT8330 Datasheet HTML 21Page - Analog Devices LT8330 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8337/LT8337-1
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
bulk capacitance may be necessary. This can be provided
with an electrolytic capacitor. When choosing a capacitor,
special attention should be given to capacitor's data sheet
to calculate the effective capacitance under the relevant
operating conditions of voltage bias and temperature. A
physically larger capacitor, or one with a higher voltage
rating, may be required. For good starting values, refer
to the Typical Applications section.
Output Power Good (LT8337 Only)
When the LT8337’s FB voltage is within the ±8% window
of the regulation point, the output voltage is considered
good and the open-drain PG pin goes high impedance
and is typically pulled high with an external resistor.
Otherwise, the internal pull-down device will pull the PG
pin low. To prevent glitching both the upper and lower
thresholds include 1% of hysteresis. The PG pin is also
actively pulled low during several fault conditions: corre-
sponding EN/UV pin below 1V, INTVCC voltage falling too
low, VIN under voltage, or thermal shutdown.
Frequency Compensation (LT8337-1 Only)
The LT8337-1 has a VC pin which can be used to opti-
mize the loop compensation. Designing the compensation
network is a bit complicated and the best values depend
on the application and in particular the type of output
capacitor. A practical approach is to start with one of the
circuits in the data sheet that is similar to your appli-
cation and tune the compensation network to optimize
the performance. LTspice® simulations can help in this
process. Stability should then be checked across all oper-
ating conditions, including load current, input voltage,
and temperature.
Figure 4 shows an equivalent circuit for the LT8337-1
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency.
A small capacitor CF can be added to filter the switch-
ing noise that is coupled on the VC pin. A phase lead
capacitor (CPL) across the feedback divider can be used
to improve the transient response and is required to
cancel the parasitic pole caused by the feedback node to
ground capacitance.
Figure 5a shows the transient response for the front page
application with LT8337 which uses internal compensation.
Figure 5b shows a faster transient response of the same
application with LT8337-1 when a 100k RC and 220pF
CC compensation network is used on its VC pin. The
LT8337-1 VIN pin draws 20μA more quiescent current
compared to LT8337.
Figure 4. Mode for Loop Response
LT8337-1
83371 F04
INPUT
OUTPUT
CIN
R1
C1
R2
CF
RC
CC
CURRENT
MODE POWER
STAGE
gm = 6S • (1–D)
1MΩ
gm = 0.4mS
FB
1V
VC
CPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com