Electronic Components Datasheet Search
  English  ▼

X  

LTC6946 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6946
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6946 Datasheet(HTML) 4 Page - Analog Devices

  LTC6946 Datasheet HTML 1Page - Analog Devices LTC6946 Datasheet HTML 2Page - Analog Devices LTC6946 Datasheet HTML 3Page - Analog Devices LTC6946 Datasheet HTML 4Page - Analog Devices LTC6946 Datasheet HTML 5Page - Analog Devices LTC6946 Datasheet HTML 6Page - Analog Devices LTC6946 Datasheet HTML 7Page - Analog Devices LTC6946 Datasheet HTML 8Page - Analog Devices LTC6946 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC5556
4
Rev 0
For more information www.analog.com
AC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = VDD = 3.3V, EN1, EN2 = High, PRF = –6dBm/Tone, PLO = 0dBm,
unless otherwise noted. Test circuit shown in Figure 1. (Notes 3, 4, 5)
2.6GHz to 6.4GHz RF Input Matching (See Figure 1): RF = 3.6GHz, IF = 270MHz, Low Side LO
PARAMETER
CONDITIONS
FULL PWR
REDUCED PWR
UNITS
MIN
TYP
MAX
TYP
RF Input Return Loss
ZO = 50Ω, 2.6GHz to 6.4GHz
>10
>10
dB
Power Conversion Gain
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN
12dB IF ATTEN
15dB IF ATTEN
4.4
9.1
6.0
3.0
0.0
–3.0
–6.1
8.8
5.7
2.7
–0.3
–3.4
–6.4
dB
dB
dB
dB
dB
dB
Conversion Gain Flatness
RF = 3.6GHz ±100MHz, LO = 3.33GHz
±0.25
±0.25
dB
Conversion Gain vs Temperature
TC = –40°C to 105ºC
l
–0.013
–0.013
dB/°C
Two-Tone Input 3rd Order Intercept
(ΔfRF = 2MHz)
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN
12dB IF ATTEN
15dB IF ATTEN
22.2
23.0
23.6
23.9
24.1
24.2
17.8
18.2
18.5
18.7
18.8
18.8
dBm
dBm
dBm
dBm
dBm
dBm
Two-Tone Output 3rd Order Intercept
(ΔfRF = 2MHz)
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN
12dB IF ATTEN
15dB IF ATTEN
31.3
29.0
26.6
23.9
21.1
18.1
26.6
23.9
21.2
18.4
15.4
12.4
dBm
dBm
dBm
dBm
dBm
dBm
Two-Tone Input 2nd Order Intercept
(ΔfRF = 271MHz = fIM2)
0dB to 15.5dB IF ATTEN
52
50
dBm
SSB Noise Figure
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN
12dB IF ATTEN
15dB IF ATTEN
14.1
15.2
16.6
18.6
21.0
23.5
13.3
14.7
16.4
18.6
21.2
24.1
dB
dB
dB
dB
dB
dB
SSB Noise Figure Under Blocking
(3.7GHz Blocker)
+2dBm BLOCKER, 3dB IF ATTEN
+5dBm BLOCKER, 3dB IF ATTEN
19.3
21.7
19.0
21.5
dB
dB
LO to RF Leakage
LO = 1.5GHz to 7GHz
<–46
<–46
dBm
1/2 IF Output Spurious Product
(fRF Offset to Produce Spur at fIF = 270MHz)
fRF = 3465MHz, PRF = –6dBm
0dB to 15.5dB IF ATTEN
–59
–58
dBc
1/3 IF Output Spurious Product
(fRF Offset to Produce Spur at fIF = 270MHz)
fRF = 3420MHz, PRF = –6dBm
0dB to 15.5dB IF ATTEN
–64
–60
dBc
Input 1dB Compression
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN and Higher
8.7
10.9
11.5
11.6
7.7
9.5
10.0
10.0
dBm
dBm
dBm
dBm
Output 1dB Compression
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN
16.8
15.9
13.5
10.6
15.5
14.2
11.7
8.7
dBm
dBm
dBm
dBm
Channel-to-Channel Isolation
RF = 3.6GHz
44
44
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com