Electronic Components Datasheet Search
  English  ▼

X  

LTC6946 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC6946
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6946 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC6946 Datasheet HTML 18Page - Analog Devices LTC6946 Datasheet HTML 19Page - Analog Devices LTC6946 Datasheet HTML 20Page - Analog Devices LTC6946 Datasheet HTML 21Page - Analog Devices LTC6946 Datasheet HTML 22Page - Analog Devices LTC6946 Datasheet HTML 23Page - Analog Devices LTC6946 Datasheet HTML 24Page - Analog Devices LTC6946 Datasheet HTML 25Page - Analog Devices LTC6946 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC5556
26
Rev 0
For more information www.analog.com
ANALOG DEVICES, INC. 2018
D16929-0-5/18(0)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
Infrastructure
LTC5566
300MHz to 6GHz Dual Programmable Gain
Downconverting Mixer
12dB Gain, 35dBm OIP3 and 13.3dB NF at 2.6GHz
LTC5569
300MHz to 4GHz Dual Active Downconverting
Mixer
2dB Gain, 26.7dBm IIP3 and 11.7dB NF at 1950MHz, 3.3V/180mA Supply
LTC6430
High Linearity Differential RF/IF Amplifier
51dBm OIP3 at 240MHz, 100Ω Differential
LTC5544
4GHz to 6GHz Downconverting Mixer Family
7.4dB Gain, >25dBm IIP3, 11.3dB NF, 3.3V/200mA Supply
LT5554
Ultralow Distortion IF Digital VGA
48dBm OIP3 at 200MHz, 2dB to 18dB Gain Range, 0.125dB Gain Steps
LTC5576
3GHz to 8GHz Active Upconverting Mixer
25dBm OIP3, –0.6dB Gain, –154dBm/Hz Output Noise Floor, –36dBm LO Leakage
LTC5548
2GHz to 14GHz Wideband Microwave Mixer
Up- or Down-Conversion, 21.4dBm IIP3 at 9GHz, 0dBm LO Drive, IF Bandwidth DC to
6GHz
LTC5549
2GHz to 14GHz Wideband Microwave Mixer
Up- or Down-Conversion, 22.8dBm IIP3 at 12GHz, 0dBm LO Drive, Integrated Balun
with IF BW = 500MHz to 6GHz
LTC5593
Dual 2.3GHz to 4.5GHz Downconverting Mixer
8.5dB Gain, 27.7dBm IIP3, 9.5dB Noise Figure
RF PLL/Synthesizer with VCO
LTC6946
Low Noise, Low Spurious Integer-N PLL with
Integrated VCO
373MHz to 5.79GHz, –157dBc/Hz WB Phase Noise Floor, –100dBc/Hz Closed-Loop
Phase Noise
LTC6948
Low Noise, Low Spurious Frac-N PLL with
Integrated VCO
373MHz to 6.39GHz, –157dBc/Hz WB Phase Noise Floor, –274dBc/Hz Normalized
In-Band 1/f Noise
ADCs
LTC2145-14
14-Bit, 125Msps 1.8V Dual ADC
73.1dB SNR, 90dB SFDR, 95mW/Ch Power Consumption
LTC2185
16-Bit, 125Msps 1.8V Dual ADC
76.8dB SNR, 90dB SFDR, 185mW/Channel Power Consumption
LTC2158-14
14-Bit, 310Msps 1.8V Dual ADC, 1.25GHz Full-
Power Bandwidth
68.8dB SNR, 88dB SFDR, 362mW/Ch Power Consumption, 1.32VP-P Input Range
Figure 19. Test Circuit and Measured Conversion Gain with 3rd-Order Bandpass Interstage Filter
RF to IF Conv Gain vs IF Frequency
with 260MHz BP Interstage Filter
5556 F19a
½ LTC5556
MO1+
MO1–
AI1–
AI1+
LO
IF1+
IF1–
RF1
RF1
(50)
1pF
L1, L3 = 33nH
C5, C7 = 3pF
C21, C23 = 4.3pF
L5, L7 = 120nH
L19 - 68nH
3rd-ORDER CHEBYSHEV BPF
0.2dB PASSBAND RIPPLE
f0 = 260MHz, BW = 155MHz
680nH
VCC
680nH
1.2pF
IF
20nH
20nH
10nF
IF1
(100 DIFF)
10nF
VCC
L5
L19
L7
L1
L3
C5
C7
C21
C23
RF = 3.39GHz–4.34GHz
LO = 3.34GHz
IF = 50MHz–1000MHz
RF = 3.6GHz
IF = 260MHz
BW = 155MHz
0dB
6dB
12dB
IF FREQUENCY (MHz)
50
100
1000
–57
–51
–45
–39
–33
–27
–21
–15
–9
–3
3
9
5556 F19b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com