Electronic Components Datasheet Search
  English  ▼

X  

LTC6946 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6946
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6946 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6946 Datasheet HTML 6Page - Analog Devices LTC6946 Datasheet HTML 7Page - Analog Devices LTC6946 Datasheet HTML 8Page - Analog Devices LTC6946 Datasheet HTML 9Page - Analog Devices LTC6946 Datasheet HTML 10Page - Analog Devices LTC6946 Datasheet HTML 11Page - Analog Devices LTC6946 Datasheet HTML 12Page - Analog Devices LTC6946 Datasheet HTML 13Page - Analog Devices LTC6946 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC5556
10
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Test circuit shown in Figure 1.
PRF = –6dBm/Tone, ∆f = 2MHz, PLO = 0dBm, VCC = 3.3V, VDD = 3.3V, TC = 25°C, full power mode, unless otherwise noted.
2.2GHz to 3.2GHz RF Input Matching: RF = 2.6GHz, IF = 270MHz, Low Side LO
Conv Gain and IIP3 vs RF Frequency
and IF Attenuation (3dB Steps)
SSB NF vs RF Frequency
and IF Attenuation (3dB Steps)
Conv Gain vs IF Frequency and
Attenuation, Swept RF/Fixed LO
2.6GHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
2.6GHz Conv Gain, IIP3 and SSB
NF vs IF Attenuation (0.5dB Steps)
2.6GHz RF Input and IF Output
P1dB vs IF Attenuation
Isolation vs RF Frequency
LO Leakage vs LO Frequency
2.6GHz Conv Gain, IIP3, NF and
RF Input P1dB vs Temperature
3dB
6dB
9dB
12dB
15dB
0dB
0dB
15dB
GC
IIP3
RF FREQUENCY (GHz)
2
2.2 2.3 2.5 2.7 2.9 3.0 3.2 3.4
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G27
0dB
3dB
6dB
9dB
12dB
15dB
RF FREQUENCY (GHz)
2
2.2
2.4
2.6
2.8
3.0
3.2
3.4
12
14
16
18
20
22
24
26
5556 G28
0dB
RF = 2.35GHz to 2.85GHz
LO = 2.33GHz
3dB
6dB
9dB
12dB
15dB
IF FREQUENCY (MHz)
20 70 120 170 220 270 320 370 420 470 520
–10
–8
–6
–4
–2
0
2
4
6
8
10
5556 G29
IIP3
NF
GC
3dB IF ATTEN
–40°C
25°C
85°C
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
5
7
9
11
13
15
17
19
21
23
25
27
5556 G30
IIP3
NF
GC
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G31
IFOUT P1dB
RFIN P1dB
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
3
5
7
9
11
13
15
17
19
5556 G32
RF–IF+ or RF–IF–
RF–LO
CHANNEL ISOLATION
3dB IF ATTEN
RF FREQUENCY (GHz)
1.8
2
2.2 2.4 2.6 2.8 3.0 3.2 3.4
35
40
45
50
55
60
5556 G33
LO–IF+ or LO–IF–
LO–RF
3dB IF ATTEN
LO FREQUENCY (GHz)
1.4
1.8
2.2
2.6
3.0
3.4
3.8
–70
–65
–60
–55
–50
–45
–40
–35
–30
5556 G34
IIP3
INPUT P1dB
3dB IF ATTEN
NF
GC
CASE TEMPERATURE (°C)
–45
–15
15
45
75
105
4
6
8
10
12
14
16
18
20
22
24
26
5556 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com