Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 15Page - National Semiconductor (TI) LP3971 Datasheet HTML 16Page - National Semiconductor (TI) LP3971 Datasheet HTML 17Page - National Semiconductor (TI) LP3971 Datasheet HTML 18Page - National Semiconductor (TI) LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
I
2C Register Definitions (Continued)
Bit
Access
Name
Description
1
R
WUPT
TEST_JIG Pin Wake Up Status
0 = No wake up event
1 = Wake up event
0
R
WUPS
SPARE Pin Wake Up Status
0 = No wake up event
1 = Wake up event
SYSTEM CONTROL REGISTER 1 (SCR1) 8h’07
Bit
7
6
5
4
3
2
1
0
Designation
BPSEN
Reserved
SENDL
FPWM3
FPWM2
FPWM1
ECEN
Reset Value
0
1
0
0
0
0
0
0
Note: Gray denotes EPROM programmable registers for default value.
SYSTEM CONTROL REGISTER 1 (SCR1) 8h’07 DEFINITIONS
Bit
Access
Name
Description
7
R/W
BPSEN
Bypass System enable safety Lock. Prevents activation of PWR_EN when SYS_EN is low.
0 = PWR_EN “AND” with SYS_EN signal
1 = PWR_EN independent of SYS_EN
6
-
-
Reserved
5:4
R/W
SENDL
Delay time for High Voltage Power Domains LDO2, LDO3, LDO4, Buck2, and Buck3 after
activation of SYS_EN. VCC_LDO1 has no delay.
Data Code
Delay mS
Notes
2h’0
0.0
Default for “B”
2h’1
0.5
2h’2
1.0
Default for “A”
2h’3
1.4
3
R/W
FPWM3
Buck 3 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
2
R/W
FPWM2
Buck 2 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
1
R/W
FPWM1
Buck 1 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
0
R/W
ECEN
External Clock Select
0 = Internal Oscillator clock for Buck Converters
1 = External 13 MHz Oscillator clock for Buck Converters
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com