Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 19Page - National Semiconductor (TI) LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) LP3971 Datasheet HTML 24Page - National Semiconductor (TI) LP3971 Datasheet HTML 25Page - National Semiconductor (TI) LP3971 Datasheet HTML 26Page - National Semiconductor (TI) LP3971 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
I
2C Register Definitions (Continued)
LDO OUTPUT VOLTAGE ENABLE REGISTER (LDOEN) 8h’12
Bit
7
6
54321
0
Designation
L5EC
L4EC
LDO5_EN
LDO4_EN
LDO3_EN
LDO2_EN
LDO1_EN
Reserved
Reset Value
0
0
11111
0
LDO OUTPUT VOLTAGE ENABLE REGISTER (LDOEN) 8h’12 DEFINITIONS
Bit
Access
Name
Description
7
R/W
L5EC
Connects LDO5 enable to SYS_EN or PWR_EN Logic Control pin
0 = LDO 5 enable connected to PWR_EN
1 = LDO 5 enable connected to SYS_EN
6
R/W
L4EC
Connects LDO4 enable to SYS_EN or PWR_EN Logic Control pin
0 = LDO 4 enable connected to PWR_EN
1 = LDO 4 enable connected to SYS_EN
5
R/W
LDO5_EN
LDO_5 Output Voltage Enable
0 = LDO5 Supply Output Disabled
1 = LDO5 Supply Output Enabled
4
R/W
LDO4_EN
LDO_4 Output Voltage Enable
0 = LDO4 Supply Output Disabled
1 = LDO4 Supply Output Enabled
3
R/W
LDO3_EN
LDO_3 Output Voltage Enable
0 = LDO3 Supply Output Disabled
1 = LDO3 Supply Output Enabled
2
R/W
LDO2_EN
LDO_2 Output Voltage Enable
0 = LDO2 Supply Output Disabled
1 = LDO2 Supply Output Enabled
1
R/W
LDO1_EN
LDO_1 Output Voltage Enable
0 = LDO1 Supply Output Disabled
1 = LDO1 Supply Output Enabled
0
...
...
Reserved
LDO OUTPUT VOLTAGE STATUS REGISTER (LDOVS) 8h’13
Bit
7
6
5
4321
0
Designation
LDOS_OK
N/A
LDO5_0K
LDO4_OK
LDO3_OK
LDO2_OK
LDO1_OK
N/A
Reset Value
0
0
0
0000
0
LDO OUTPUT VOLTAGE STATUS REGISTER (LDOVS) 8h’13 DEFINITIONS
Bit
Access
Name
Description
7
R
LDO_OK
LDO 1–5 Supply Output Voltage Status
0 = (LDO 1–5) output voltage <90% of selected value
1 = (LDO 1–5) output voltage >90% of selected value
6
...
...
Reserved
5
R
LDO5_OK
LDO_5 Output Voltage Status
0 = (VCC_LDO5) output voltage <90% of selected value
1 = (VCC_LDO5) output voltage >90% of selected value
4
R
LDO4_OK
LDO_4 Output Voltage Status
0 = (VCC_LDO4) output voltage <90% of selected value
1 = (VCC_LDO4) output voltage >90% of selected value
3
R
LDO3_OK
LDO_3 Output Voltage Status
0 = (VCC_LDO3) output voltage <90% of selected value
1 = (VCC_LDO3) output voltage >90% of selected value
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com