Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3971
Description  POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3971 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LP3971 Datasheet HTML 20Page - National Semiconductor (TI) LP3971 Datasheet HTML 21Page - National Semiconductor (TI) LP3971 Datasheet HTML 22Page - National Semiconductor (TI) LP3971 Datasheet HTML 23Page - National Semiconductor (TI) LP3971 Datasheet HTML 24Page - National Semiconductor (TI) LP3971 Datasheet HTML 25Page - National Semiconductor (TI) LP3971 Datasheet HTML 26Page - National Semiconductor (TI) LP3971 Datasheet HTML 27Page - National Semiconductor (TI) LP3971 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
I
2C Register Definitions (Continued)
Bit
Access
Name
Description
2
R
LDO2_OK
LDO_2 Output Voltage Status
0 = (VCC_LDO2) output voltage <90% of selected value
1 = (VCC_LDO2) output voltage >90% of selected value
1
R
LDO1_OK
LDO_1 Output Voltage Status
0 = (VCC_LDO1) output voltage <90% of selected value
1 = (VCC_LDO1) output voltage >90% of selected value
0
...
...
Reserved
VOLTAGE CHANGE CONTROL REGISTER 1 (VCC1) 8h’20
Bit
7654
3
2
10
Designation
B3VS
B3GO
B2VS
B2GO
Reserved
B2VS
B2GO
Reset Value
0000
0
0
00
VOLTAGE CHANGE CONTROL REGISTER 1 (VCC1) 8h’20 DEFINITIONS
Bit
Access
Name
Description
7
R/W
B3VS
Buck 3 Target Voltage Select
0 = Buck 3 Output Voltage to B1TV1
1 = Buck 3 Output Voltage to B1TV2
6
R/W
B3GO
Start Buck 3 Voltage Change
0 = Hold Buck 3 Output Voltage at current level
1 = Ramp Buck 3 Output Voltage as selected by B3VS
5
R/W
B2VS
Buck 2 Target Voltage Select
0 = Buck 2 Output Voltage to B2TV1
1 = Buck 2 Output Voltage to B2TV2
4
R/W
B2GO
Start Buck 2 Voltage Change
0 = Hold Buck 2 Output Voltage at current level
1 = Ramp Buck 2 Output Voltage as selected by B2VS
3:2
...
...
Reserved
1
R/W
B1VS
Buck 1 Target Voltage Select
0 = Buck 2 Output Voltage to B1TV1
1 = Buck 2 Output Voltage to B1TV2
0
R/W
B1GO
Start Buck 1 Voltage Change
0 = Hold Buck 3 Output Voltage at current level
1 = Ramp Buck 3 Output Voltage as selected by B1VS
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com