Electronic Components Datasheet Search
  English  ▼

X  

DP8497 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8497
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8497 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP8497 Datasheet HTML 41Page - National Semiconductor (TI) DP8497 Datasheet HTML 42Page - National Semiconductor (TI) DP8497 Datasheet HTML 43Page - National Semiconductor (TI) DP8497 Datasheet HTML 44Page - National Semiconductor (TI) DP8497 Datasheet HTML 45Page - National Semiconductor (TI) DP8497 Datasheet HTML 46Page - National Semiconductor (TI) DP8497 Datasheet HTML 47Page - National Semiconductor (TI) DP8497 Datasheet HTML 48Page - National Semiconductor (TI) DP8497 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
40 Functional Description (Continued)
same as the Wait-for-SelectReceive command except af-
ter receiving the Command Descriptor Block the DP84967
will send a busy status Command Complete message and
will disconnect It will then generate an ‘‘Operation Com-
plete’’ interrupt
The Command Descriptor Block read from the SCSI bus will
not be transferred to buffer memory
This command will remain active until overwritten with an-
other command This command is unique in that it will re-en-
able itself after each successful ‘‘Operation Complete’’ in-
terrupt If the target needs to monitor selection attempts
the desired registers (Identify register) must be read by the
processor before the next selection occurs
Any other interrupt besides ‘‘Operation Complete’’ will
pause this command The Clear Pending Command should
be issued before this interrupt is cleared to prevent the
Wait-for-SelectSend Busy command from re-enabling itself
again after the error is cleared
Self Test Commands
The five self test commands operate exactly the same as
the corresponding non-self test commands However the
SCSI bus is held TRI-STATE
and the inputs are ignored
The SCSI outputs are still active internal to the chip and the
SCSI inputs are emulated for the correct response The oth-
er pins of the DP84967 (non-SCSI) operate normally
Once the first self test command is issued the DP84967
enters its self test mode The Clear Pending Command
must be issued to clear the self test mode Be sure to issue
the Disconnect Self Test command before leaving the self
test mode to ensure that all the internal SCSI bus signals
are deasserted
(Re)Select Self Test (Opcode e 90h)
Operates the same as the (Re)Select command but with all
necessary input handshaking internally generated on chip
This should be the first self test command issued
Disconnect Self Test (Opcode e B2h)
Operates the same as the Disconnect command This com-
mand should be issued before the self test mode is cleared
Send Data Loopback (Opcode e 8Bh)
Operates the same as the Send Data command in the Tar-
get mode The data is read from buffer memory and parity is
checked if enabled The data asserted internally on the
SCSI bus may be monitored by reading the SCSI Data regis-
ter The asynchronous mode must be used
Receive Data Loopback (Opcode e BFh)
Operates the same as the Receive Data command in the
Target mode The processor should initialize the SCSI Data
register with a value before this command is issued The
contents of the SCSI Data register plus parity will be assert-
ed on the internal SCSI data bus The SCSI parity bit is
calculated when a byte is written to the SCSI Data register
by the processor This value will be read and transferred to
buffer memory SCSI parity is checked if enabled The asyn-
chronous mode must be used
Transfer Info Loopback (Opcode e BCh)
Operates the same as the Transfer Info command in the
Initiator mode The IO bit in the SCSI Control register
should be set high or low to indicate the direction of the
transfer The asynchronous mode must be used
If receiving data from the SCSI bus the processor should
initialize the SCSI Data register with a value before this com-
mand is issued The contents of the SCSI Data register plus
parity will be asserted on the internal SCSI data bus The
SCSI parity bit is calculated when a byte is written to the
SCSI Data register by the processor This value will be read
and transferred to buffer memory SCSI parity is checked if
enabled
If sending data to the SCSI bus the data is read from buffer
memory and parity is checked if enabled The data asserted
internally on the SCSI bus may be monitored by reading the
SCSI Data register
Forcing Parity Errors in Self Test Mode
In order to force a SCSI bus parity error in either a Receive
Data Loopback or Transfer Info Loopback (with the IO bit
set to ‘‘1’’ in the SCSI Control register) the following se-
quence may be used
1 Set the SPE (SCSI Parity Enable) bit in the Setup 2 regis-
ter to a ‘‘1’’
2 Issue (Re)Select Self Test
3 Write a byte into SCSI Data register
4 Switch SCSI Parity Polarity (the SPP bit in the Setup 2
register)
5 Issue a receive type loopback command
6 Should obtain parity error in the SCSI Status register
Command Flowcharts
The following flowcharts describe in detail the operation of
the multiphase commands
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com