Electronic Components Datasheet Search
  English  ▼

X  

DP8497 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8497
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8497 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8497 Datasheet HTML 9Page - National Semiconductor (TI) DP8497 Datasheet HTML 10Page - National Semiconductor (TI) DP8497 Datasheet HTML 11Page - National Semiconductor (TI) DP8497 Datasheet HTML 12Page - National Semiconductor (TI) DP8497 Datasheet HTML 13Page - National Semiconductor (TI) DP8497 Datasheet HTML 14Page - National Semiconductor (TI) DP8497 Datasheet HTML 15Page - National Semiconductor (TI) DP8497 Datasheet HTML 16Page - National Semiconductor (TI) DP8497 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
40 Functional Description (Continued)
The Processor Interface bus timing can be asynchronous to
any clock on the DP84967
42 BUFFER MEMORY INTERFACE
All data transfers to and from the disk and to and from the
SCSI bus go through buffer memory Buffer memory is at-
tached directly to the Buffer Memory Interface Access by
the DP84967 to buffer memory is performed via the inter-
nal DMA controller All access to the buffer memory is priori-
tized and arbitrated through the DP84967 Thus concur-
rent disk SCSI and processor accesses to the buffer mem-
ory are allowed In normal operation no other bus masters
access the buffer memory
The user has the option of configuring the memory in a byte-
wide or word-wide arrangement If byte wide SRAM or any
type of DRAM is used no components other than the mem-
ory chips are necessary on the buffer memory interface
The only external component that may be needed is an 8-bit
address demultiplexing latch if word-wide SRAM is used
Appropriate buffer memory configuration must be specified
in the setup registers Setup 1 and Setup 2 before proper
chip operation can begin Setup 1 register is used to config-
ure the port timing to static or dynamic modes program the
optional wait states specify the DRAM depth and data bus
width and to enable fast page mode DRAM control Setup 2
register is used to enable and configure buffer memory pari-
ty
421 Static RAM
In SRAM mode there are 19 address bits available to sup-
port up to 512 kBytes in byte mode or 1 MBytes in word
mode There is a large degree of flexibility of SRAM configu-
rations that may be interfaced to the Buffer Memory Inter-
face The specific pins that are used in byte mode are de-
scribed in Table 42 The address bits 19 20 and 21 still
exist in all pointer registers but they are not output to the
interface
TABLE 42 SRAM Address Pins 8-Bit Interface
ADB2
AB4
AB3
Pins 765432102 1076543210
Addr 18 17 16 15 14 13 12 11 109876543210
Bit
SRAM used word-wide can transfer a little less than twice
as fast as byte-wide given equal clock rates The address
increments by two in word mode making address bit 1 of the
pointers the least significant address bit presented on the
physical interface The processor will still access the RAM
as individual upper and lower bytes of a single word by using
address bit 0 in the Processor Pointer A0 will determine
which byte is present in the Buffer Memory Data register
low byte or high byte
The specific pins that are used in word mode are described
in Table 43 The ADSo pin is used to strobe an external 8-
bit latch capturing A12 – 19 so the ADB2 bus can be used
for bi-directional data during the remainder of the memory
cycle
TABLE 43 SRAM Address Pins 16-Bit Interface
ADB2 (MUXed)
AB4
AB3
Pins 7
6
54321021 0 7 6543210
Addr 19 18 17 16 15 14 13 12 11 10 9 8 7654321
Bit
422 Dynamic RAM
Since dynamic RAMs contain their own address latches no
external latches are needed in byte- or word-wide mode
Multiplexed row and column addresses are issued on the 11
physical address lines of AB3 and AB4 with the least signifi-
cant address bits being issued on the CAS strobe A full
4 MB address range is available in byte wide mode which
can be apportioned on 64k 256k 1M or 4M by n-bit bound-
aries A full 2M address range is available in word wide
mode which can be apportioned on 64k 256k or 1M by
n-bit boundaries
The specified pins that are used in byte mode are described
in Table 44 The specific pins that are used in word mode
are described in Table 45 The redundant signals on AB4
may be ignored
TABLE 44 DRAM Address Pins 8-Bit Interface
Addr
Strobe
AB4
AB3
Depth
2
1
0
7
6
5
4
3
2
1
0
64k
RAS
21 19 17 15 14 13 12 11 10 9
8
CAS
10 9876543210
256k
RAS
21 19 17 15 14 13 12 11 10 9 16
CAS
10 9876543210
1M
RAS
21 19 17 15 14 13 12 11 10 18 16
CAS
10 9876543210
4M
RAS
21 19 17 15 14 13 12 11 20 18 16
CAS
10 9876543210
TABLE 45 DRAM Address Pins 16-Bit Interface
Addr
Strobe
AB4
AB3
Depth
2
1
0
7
6
5
4
3
2
1
0
64k
RAS
X 201816151413121110 9
CAS
11 10 9
8
7
6
5
4
3
2
1
256k
RAS
X 20 18 16 15 14 13 12 11 10 17
CAS
11 10 9
8
7
6
5
4
3
2
1
1M
RAS
X 20181615141312111917
CAS
11 10 9
8
7
6
5
4
3
2
1
2M
RAS
X 20181615141312211917
CAS
11 10 9
8
7
6
5
4
3
2
1
Note
The address signal x will always be equal to VDD
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com