Electronic Components Datasheet Search
  English  ▼

X  

DP8497 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8497
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8497 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8497 Datasheet HTML 2Page - National Semiconductor (TI) DP8497 Datasheet HTML 3Page - National Semiconductor (TI) DP8497 Datasheet HTML 4Page - National Semiconductor (TI) DP8497 Datasheet HTML 5Page - National Semiconductor (TI) DP8497 Datasheet HTML 6Page - National Semiconductor (TI) DP8497 Datasheet HTML 7Page - National Semiconductor (TI) DP8497 Datasheet HTML 8Page - National Semiconductor (TI) DP8497 Datasheet HTML 9Page - National Semiconductor (TI) DP8497 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
20 Pin Description (Continued)
Symbol
Pin
Type
Function
PROCESSOR INTERFACE PINS
(Continued)
RDY or
33
IO
The function of this pin is determined by the state of the CRST pin
MODE
READY
(CRST Pin Deasserted) When low this output indicates that the Buffer Memory Data
register access must be extended by the processor This pin can be connected to the
processor’s wait-state input Refer to Section 428 for a more complete description of this option
This pin is only active while in the NSCIntel mode This pin will be driven low internally while in
the ZilogMotorola mode
MODE
(CRST Pin Asserted) This input will determine the processor access mode of the
DP84967 If this pin is left floating or pulled or driven high while CRST is asserted the
NationalIntel mode will be enabled If this pin is pulled or driven low while CRST is asserted the
ZilogMotorola mode will be enabled
While CRST is asserted an internal pull-up resister is active See the DC specifications for
characteristics
DINT
34
O
DISK INTERRUPT
This active low output will be asserted on any Disk Data Controller condition
enabled by the Disk Interrupt Enable register If the CI (Combine Interrupts) bit in the Setup 3
register is set to ‘‘1’’ this pin will become asserted if either a Disk Data Controller or a SCSI Bus
Controller interrupt occurs
SINT
35
O
SCSI INTERRUPT
This active low output will be asserted on any SCSI Bus Controller condition
enabled by the SCSI Interrupt Enable register
BCLK
36
I
BUS CLOCK
This input is used by the Buffer Memory Interface for access timing and DMA
arbitration It is also used by the SCSI Bus Controller for timing
SCSI BUS CONTROLLER PINS
(All SCSI Signals are Active High on the DP8497)
SDB07
57–59
I O
SCSI DATA PARITY BUS
These nine active low open drain bi-directional lines should be
connected directly to the SCSI data bus
SDBP
61–63
65–67
BSY
70
IO
BUSY
Same as above Should be connected to SCSI control bus
SEL
75
IO
SELECT
Same as above
CD
76
IO
COMMANDDATA
Same as above
IO
78
IO
INPUTOUTPUT
Same as above
REQ
77
IO
REQUEST
Same as above
ACK
71
IO
ACKNOWLEDGE
Same as above
ATN
69
IO
ATTENTION
Same as above
MSG
73
IO
MESSAGE
Same as above
RST
72
IO
SCSI RESET
If CRST is asserted during power-up the RST pin will not produce a glitch See
AC Specifications for input de-glitch description
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com