Electronic Components Datasheet Search
  English  ▼

X  

DS620 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS620
Description  Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS620 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS620 Datasheet HTML 1Page - Maxim Integrated Products DS620 Datasheet HTML 2Page - Maxim Integrated Products DS620 Datasheet HTML 3Page - Maxim Integrated Products DS620 Datasheet HTML 4Page - Maxim Integrated Products DS620 Datasheet HTML 5Page - Maxim Integrated Products DS620 Datasheet HTML 6Page - Maxim Integrated Products DS620 Datasheet HTML 7Page - Maxim Integrated Products DS620 Datasheet HTML 8Page - Maxim Integrated Products DS620 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
041607
GENERAL DESCRIPTION
The DS620 digital thermometer and thermostat
provides low-voltage (1.7V
≤ VDD ≤ 3.5V) temperature
measurements with
±0.5°C accuracy from 0°C to
+70°C and an operating temperature range of -55°C
to +125°C. The DS620 communicates over a 2-wire
digital interface. For distributed-sensing applications,
it is multidroppable with three address pins that allow
up to eight DS620s to operate on a single bus.
The DS620 has thermostat functionality with user-
defined thresholds stored in EEPROM registers, and
it can be configured for standalone thermostat
operation. The programmable output (PO) pin serves
as the thermostat output, and this pin can also be
configured to function as an active-low control for
peripheral devices.
APPLICATIONS
Portable Applications
Low-Voltage Temperature-Sensitive Applications
Computers/Servers
Test Equipment
Medical Instruments
Industrial Applications
TYPICAL OPERATING CIRCUIT
FEATURES
Low-Voltage Operation: 1.7V to 3.5V
±0.5°C Accuracy from 0°C to +70°C
Operating Temperature Range: -55°C to +125°C
(-67°F to +257°F)
Temperature Measurements Require No
External Components
Resolution is User-Selectable to 10-, 11-, 12-, or
13-Bits (0.5°C, 0.25°C, 0.125°C, and 0.0625°C
LSb Weight, Respectively)
Multidroppable
Fast (200ms max) Temperature-to-Digital
Conversion Time
Thermostatic Settings are User-Definable and
Nonvolatile
Standalone Thermostat Capability
Data is Read/Written Through a 2-Wire Serial
Interface
Package: 8-Pin
μSOP
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS620U
-55°C to +125°C
8 µSOP,
Exposed Pad
DS620U/T&R
-55°C to +125°C
8 µSOP
Exposed Pad
Tape-and-Reel
PIN CONFIGURATION
.
DS620
Low-Voltage,
±0.5°C Accuracy
Digital Thermometer and Thermostat
www.maxim-ic.com
VDD
PO
SDA
SCL
A0
A1
A2
GND
1.7V to 3.5V
HOST
SDA
SCL
1.7V to 3.5V
Thermostat
DS620
PAD
PAD
8-Pin
μSOP Package
Exposed Pad
SDA
SCL
PO
GND
VDD
A0
A1
A2


Similar Part No. - DS620

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS620 DALLAS-DS620 Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Richtek Technology Corp...
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
logo
Synology Inc.
DS620SLIM SYNOLOGY-DS620SLIM Datasheet
1Mb / 8P
DiskStation DS620slim
logo
Dallas Semiconductor
DS620U DALLAS-DS620U Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
DS620U/TR DALLAS-DS620U/TR Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
More results

Similar Description - DS620

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
DS620 DALLAS-DS620 Datasheet
294Kb / 15P
Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com