Electronic Components Datasheet Search
  English  ▼

X  

DS620 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS620
Description  Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS620 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS620 Datasheet HTML 7Page - Maxim Integrated Products DS620 Datasheet HTML 8Page - Maxim Integrated Products DS620 Datasheet HTML 9Page - Maxim Integrated Products DS620 Datasheet HTML 10Page - Maxim Integrated Products DS620 Datasheet HTML 11Page - Maxim Integrated Products DS620 Datasheet HTML 12Page - Maxim Integrated Products DS620 Datasheet HTML 13Page - Maxim Integrated Products DS620 Datasheet HTML 14Page - Maxim Integrated Products DS620 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS620 Digital Thermometer and Thermostat
13 of 15
COPYING TO EEPROM COMMAND SEQUENCE
Data is written to DS620 and then copied from SRAM to EEPROM
BUS
MASTER
MODE
DS620
MODE
DATA
(MSB
FIRST)
COMMENTS
SEQUENCE
NUMBER
TX
RX
START
Bus master initiates a START condition.
1
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
2
RX
TX
ACK
DS620 generates acknowledge bit.
3
TX
RX
A4h
Bus master sends the address location of the first byte
of data to be written. (In this case the first byte of user
EEPROM).
4
RX
TX
ACK
DS620 generates acknowledge.
5
TX
RX
<data>
Bus master sends one byte of data to the SRAM
location for EEPROM address A4h.
6
RX
TX
ACK
DS620 generates acknowledge.
7
TX
RX
<data>
Bus master sends one byte of data to the SRAM
location for EEPROM for address A5h.
8
RX
TX
ACK
DS620 generates acknowledge.
9
TX
RX
<data>
Bus master sends one byte of data to the SRAM
location for EEPROM for address A6h.
10
RX
TX
ACK
DS620 generates acknowledge.
11
TX
RX
<data>
Bus master sends one byte of data to the SRAM
location for EEPROM for address A7h.
12
RX
TX
ACK
DS620 generates acknowledge.
13
TX
RX
START
Bus master generates a repeated start condition.
14
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
15
RX
TX
ACK
DS620 generates acknowledge.
16
TX
RX
ACh
Bus master sends the address location of the MSb of
the configuration register (contains the 1SHOT bit).
This writes to the SRAM location corresponding the
EEPROM location. NOTE: Sequence numbers 17
through 23 need to be done only if DS620 is in 1SHOT
mode: 1SHOT = 1.
17
RX
TX
ACK
DS620 generates acknowledge.
18
TX
RX
xxxxxxx0b
Bus master writes to the configuration register putting
the DS620 in continuous conversion mode: 1SHOT =
0.
19
RX
TX
ACK
DS620 generates acknowledge.
20
TX
RX
START
Bus master generates a repeated start condition.
21
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
22
RX
TX
ACK
DS620 generates acknowledge
23
TX
RX
51h
Master sends START CONVERT command to DS620
to start temperature conversions.
24
RX
TX
ACK
DS620 generates acknowledge bit and begins
conversions.
25
TX
RX
START
Bus master generates a repeated start condition.
26
TX
RX
<address, 0> Bus master sends DS620 address, R/
W = 0.
27
RX
TX
ACK
DS620 generates acknowledge.
28
TX
RX
ACh
Bus master sends the address location of the MSb of
the configuration register (contains the 1SHOT bit).
This writes to the SRAM location corresponding the
EEPROM location. NOTE: command sequence
numbers 29 through 34 need only be done if a return to
1SHOT mode operation is needed.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com