Electronic Components Datasheet Search
  English  ▼

X  

DS620 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS620
Description  Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS620 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS620 Datasheet HTML 1Page - Maxim Integrated Products DS620 Datasheet HTML 2Page - Maxim Integrated Products DS620 Datasheet HTML 3Page - Maxim Integrated Products DS620 Datasheet HTML 4Page - Maxim Integrated Products DS620 Datasheet HTML 5Page - Maxim Integrated Products DS620 Datasheet HTML 6Page - Maxim Integrated Products DS620 Datasheet HTML 7Page - Maxim Integrated Products DS620 Datasheet HTML 8Page - Maxim Integrated Products DS620 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS620 Digital Thermometer and Thermostat
2 of 15
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SDA
Data Input/Output Pin
for serial communication. Open drain. (No diode connection to VDD).
2
SCL
Clock Input Pin
for 2-wire serial communication.
3
PO
Programmable Output Pin.
Open drain. (No diode connection to VDD).
4
GND
Ground Pin.
5
A2
Address Input Pin.
6
A1
Address Input Pin.
Also serves as an input to trigger one-shot conversions during standalone use.
7
A0
Address Input Pin.
8
VDD
Supply Voltage Pin.
+1.7V to +3.5V power supply pin.
PAD
PAD.
Connect to GND or float. DO NOT CONNECT TO SUPPLY. The exposed pad is the best way to conduct
temperature into the package. Connecting PAD to a ground plane can assist in properly measuring the
temperature of the circuit board.
Figure 1. Block Diagram
Memory Array
2-Wire Interface
Charge Pump
Temp. Core
Bandgap
ADC
POR
Digital Control
PO Pin
Control
Address Counter
Address/Command
Decode
Conversion Control
Configuration Register
TH, TL Registers
Digital Comparator
Temperature Register
User EEPROM Registers
Temperature Counter
Memory Interface Logic
PO
SCL
SDA
A2
A1
A0
DS620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com