Electronic Components Datasheet Search
  English  ▼

X  

DK2000 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DK2000
Description  High-Performance Demo Kit Motherboard
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DK2000 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DK2000 Datasheet HTML 9Page - Maxim Integrated Products DK2000 Datasheet HTML 10Page - Maxim Integrated Products DK2000 Datasheet HTML 11Page - Maxim Integrated Products DK2000 Datasheet HTML 12Page - Maxim Integrated Products DK2000 Datasheet HTML 13Page - Maxim Integrated Products DK2000 Datasheet HTML 14Page - Maxim Integrated Products DK2000 Datasheet HTML 15Page - Maxim Integrated Products DK2000 Datasheet HTML 16Page - Maxim Integrated Products DK2000 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DK2000 High-Performance Demo Kit Motherboard
13 of 19
Table 4. Chip Selects and Memory Map
CHIP SELECT
FUNCTION/DEVICE
STARTING ADDRESS
CS0
Flash Bank 0 (Boot ROM)
0x10000000
CS1
Flash Bank 1
0x20000000
CS2
SDRAM
0x00000000
CS3
Daughter Card Slot 0
0x30000000
CS4
Daughter Card Slot 1
0x40000000
CS5
Daughter Card Slot 2
0x50000000
CS6
Daughter Card Slot 3
0x60000000
CS7
STIM ID Control
0x70000000
CS8
STIM Device Control
0x80000000
CS9
Peripherals
0x90000000
CS10
Unused (pin assigned to different function)
CS11
EPLD
0xB0000000
Note 1: CS0 and CS1 can be swapped with jumper settings.
Note 2: The Dallas Semiconductor device is typically located at the daughter card address + 0x1000. Example: For a daughter card in slot 2,
the device address begins at 0x50001000 (0x50000000 plus the daughter card offset of 0x1000).
Table 5. Chip Select 7 Mapping
ADDRESS OFFSET
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
0x00
STIM ID
0x02
STIM LED
N/A
N/A
N/A
N/A
N/A
N/A
The STIM ID register contains the ID of the STIM board. Value is 0xFF if no STIM card is present.
The STIM LED register controls the LED on the STIM as follows:
00
LED is OFF
01
LED is ON and is RED
10
LED is ON and is GREEN
11
LED is OFF
Figure 5. Flash Bank Configurations
CS9. Chip select 9 is connected to the EPLD and is used to address several devices. The EPLD decodes CS9
accesses according to the Table 6.
Table 6. Chip Select 9 Mapping
ADDRESS OFFSET
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
0x0000
Slot 1 Daughter Card ID
Slot 0 Daughter Card ID
0x1000
Slot 3 Daughter Card ID
Slot 4 Daughter Card ID
0x2000
Slot 3 LED
Slot 2 LED
Slot 1 LED
Slot 0 LED
0x3000
FPGA
The Slot Daughter Card ID registers are used to determine the types of daughter cards present in the system.
Typical software implementation reads the daughter card ID values and assigns device drivers based on the
values. Daughter card IDs that are the value 0xE indicate an extended daughter card ID. The extended daughter
card ID can be read at offset 0 of the slot address. A value of 0xF indicates that a daughter card is not present in
the slot.
13
…
3 , 1
14
…
4 , 2
P7
13
…
3 , 1
14
…
4 , 2
CS0 TO BANK 0, CS1 TO BANK 1
CS0 TO BANK 1, CS1 TO BANK 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com