Electronic Components Datasheet Search
  English  ▼

X  

DK2000 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DK2000
Description  High-Performance Demo Kit Motherboard
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DK2000 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DK2000 Datasheet HTML 10Page - Maxim Integrated Products DK2000 Datasheet HTML 11Page - Maxim Integrated Products DK2000 Datasheet HTML 12Page - Maxim Integrated Products DK2000 Datasheet HTML 13Page - Maxim Integrated Products DK2000 Datasheet HTML 14Page - Maxim Integrated Products DK2000 Datasheet HTML 15Page - Maxim Integrated Products DK2000 Datasheet HTML 16Page - Maxim Integrated Products DK2000 Datasheet HTML 17Page - Maxim Integrated Products DK2000 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DK2000 High-Performance Demo Kit Motherboard
14 of 19
The Slot LED registers control the LEDs on the daughter cards as follows:
00
LED is OFF
01
LED is ON and is RED
10
LED is ON and is GREEN
11
LED is OFF
The FPGA register holds the address of the FPGA on the board. This is reserved for future use. The FPGA is
unpopulated on most boards.
CS11. Chip select 11 is used by the EPLD. The current EPLD implementation has the registers defined in Table 7.
Table 7. Chip Select 11 Mapping
ADDRESS OFFSET
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
0x00
EPLD Version Number
0x01
UPDATE
TAG_CLR
FLUSH
MISS_INH
Unused
UPDATE: Reset to 0. When 0, inhibits updating of the L2 cache.
TAG_CLR: Reset to 0. When 0, clears the L2 cache Tag.
FLUSH:
Reset to 0. When 0, flushes the L2 cache.
MISS_INH: Reset to 0. When 0, forces all L2 cache accesses to miss.
MPC8260 I/O Pin Mapping
The MPC8260 has 120 I/O pins that can be configured for special-purpose or general-purpose I/O. The DK2000
development platform takes advantage of as much of the I/O capability as possible. Table 8 shows how the I/O
pins are connected on the DK2000 board. Table 9 and Table 10 add details on some of the special-purpose pin
assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com