Electronic Components Datasheet Search
  English  ▼

X  

DK2000 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DK2000
Description  High-Performance Demo Kit Motherboard
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DK2000 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DK2000 Datasheet HTML 1Page - Maxim Integrated Products DK2000 Datasheet HTML 2Page - Maxim Integrated Products DK2000 Datasheet HTML 3Page - Maxim Integrated Products DK2000 Datasheet HTML 4Page - Maxim Integrated Products DK2000 Datasheet HTML 5Page - Maxim Integrated Products DK2000 Datasheet HTML 6Page - Maxim Integrated Products DK2000 Datasheet HTML 7Page - Maxim Integrated Products DK2000 Datasheet HTML 8Page - Maxim Integrated Products DK2000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DK2000 High-Performance Demo Kit Motherboard
5 of 19
In addition to these main sections, the Appendix provides hardware-related details that supplement the schematic.
Only users with complex evaluation/development requirements need the information in the Advanced Features
section and the Appendix.
BASIC OPERATION
Hardware Configuration
Connecting a Daughter Card. Plug the daughter card into one of the DK2000’s connectors. The daughter card
should be oriented as shown in Figure 1. Note that some daughter cards have two connectors while others have
three. The third connector, which is optional, is for advanced features (UTOPIA bus, POS-PHY bus, etc). The
DK2000 is compatible with both two-connector and three-connector daughter cards, and supports the advanced
features available on the third connector. Note that daughter cards are not designed for hot insertion. Only connect
daughter cards to the DK2000 platform with the power off.
Power Supply Connections. The DK2000 operates from an external power supply brick. Plug the brick into an AC
power outlet and into the DK2000’s power supply jack. The on/off switch for the board is next to the power supply
jack. Just after power is applied to the board, the RESET LED glows green and the slot 1 LED glows red. A few
seconds later, after the boot routine completes, slot LEDs turn green for slots where daughter cards are recognized
and red where daughter cards are not present.
Connecting to a Computer. Connect a standard DB-9 serial cable between the serial port on the DK2000 and an
available serial port on the host computer. The host computer must be a Windows
®-based PC. Be sure the cable is
a standard straight-through cable rather than a null-modem cable. Null-modem cables prevent proper operation.
Installing the ChipView Software
To install the demo software on the host PC, run SETUP.EXE on the demo kit CD-ROM (or from the .ZIP file
downloaded from our website, www.maxim-ic.com/telecom). Follow the instructions given by the SETUP program.
By default, SETUP installs the application software in “C:\Program Files\ChipView” and creates a shortcut in the
ChipView program group.
Running the ChipView Software
Run the ChipView application. If the default installation options were used, click the Start button on the Windows
toolbar and select Programs
®ChipView®ChipView. The main menu window provides three options: Register
View, Demo, and Terminal Mode. Register View mode and Demo mode are discussed in the following paragraphs.
Terminal mode is discussed in the Advanced Features section.
Register View Mode
Register View provides an intuitive user interface for reading, writing, and viewing the IC registers on the daughter
card. Register bytes and bits are displayed by name in an on-screen array. Values can be read or written with a
click of the mouse. Figure 2 shows an example of the Register View window.
To go to Register View from the ChipView main menu window, follow these steps:
1) Push the Register View button in the main menu window. A popup window for COM port selection
appears next. Select the appropriate port from the menu and click OK. Next, the Definition File
Assignment window appears. This window has subwindows to select definition files for each of
the four daughter card slots on the DK2000 board.
2) For each slot with a daughter card installed, select a definition file from the list shown, or browse
to find a file in another directory. Typically, definition file names contain the device name, e.g.,
DS2155.def. Some daughter cards ship with multiple definition files. Refer to the daughter card
data sheet for detailed information on the use of the various files.
3) Press the Continue button.
Windows is a registered trademark of Microsoft Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com