Electronic Components Datasheet Search
  English  ▼

X  

GS551 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS551
Description  High Power, Class B Output Stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS551 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS551 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
510 - 31 - 04
REFERENCE
VOLTAGE
C
- B
- A
RS
0.1
10k
100k
4
29
7
8 3
0.047
0.047
1
10
6
VB = 1.3VDC
5
RL = 400
VO
RB = 4.7
1 kHz
CS
IOUT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain
A
V
V
O
=0.707 VRMS
46
48
50
dB
Amplifier Current
I
AMP
120
220
335
µA
Transducer Current
I
TRANS
120
250
390
µA
Input Referred Noise
IRN
NFB 0.2 to 10 kHz at 12 dB/Oct
-
1.3
2.5
µV
Total Harmonic Distortion
V
O
=0.707 VRMS
-
0.25
1.3
%
V
O
=1.3 VRMS
-
0.3
1.5
%
Stable with R
B
to
R
STAB
R
B
=22
Ω
-
-
22
Ω
Maximum Output Current
I
OUT
V
P8
=0
-
>35
-
mA
PARAMETER
VALUE/UNITS
Supply Voltage
5 VDC
Operating Temperature
-10 to +40
°C
Storage Temperature
-20 to +70
°C
ABSOLUTE MAXIMUM RATINGS
Fig. 1 Test Circuit
CAUTION
CLASS 1 ESD SENSITIVITY
5
10
1
6
PIN CONNECTION
A IN
A OUT
DEC 1
GND 1
C OUT 1
VB
VREF
DEC 2
GND 2
COUT 2
All parameters remain as shown in Test Circuit unless otherwise stated in "Conditions" column
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 VDC
ELECTRICAL CHARACTERISTICS
THD
All resistors in ohms,all capacitors in farads
unless otherwise stated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com