Electronic Components Datasheet Search
  English  ▼

X  

GS551 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS551
Description  High Power, Class B Output Stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS551 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS551 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS551 DATA SHEET
High Power, Class B
Output Stage
FEATURES
• adjustable gain to 48 dB
• capable of driving low impedance receiver
• low component count, 3 small capacitors and 1 resistor
• gain trim can be used as vol. control for reduced noise
• minimal start-up transient
• no gain expansion
STANDARD PACKAGING
• 10 pin MICROpac
• 10 pin PLID®
• 10 pin SLT
• Chip (68 x 60 mils)
CIRCUIT DESCRIPTION
The GS551 is a 10 pin, low voltage, class B amplifier which
operates over a battery range of 1.1 VDC to 3 VDC.
The GS551 consists of three gain blocks. The first block is
an inverting amplifier with the gain set by two external
resistors. The gain trim feature can be used as a volume
control in hearing aid applications. The second block is an
inverting unity gain amplifier which serves as a phase
splitter. The outputs from the first and second blocks drive
the differential input of the third block. The third block has
a fixed AC gain of 28 dB when driving a receiver.
The amplifier has internal compensation eliminating the
need for a capacitor across the receiver. Two ground pins
are available for “Star” grounding to reduce any second
order harmonic distortion introduced by ground line resistance.
REFERENCE
VOLTAGE
C
- B
- A
GND 1
4
29
GND 2
7
8 3
1
10
6
5
A IN
A OUT
V
B
C OUT 2
C OUT 1
VREF
DEC 1
DEC 2
U.S. Patent No. 4,719,430
Other Patents Pending
BLOCK DIAGRAM
Revision Date: January 2001
Document No. 510 - 31 - 04
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - GS551

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
GS551Y001 GIACOMINI-GS551Y001 Datasheet
1Mb / 4P
giacosun® sanitary hot water module GS556
More results

Similar Description - GS551

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1369 KEC-KTB1369 Datasheet
261Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1469 KEC-KTB1469 Datasheet
259Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2061 KEC-KTD2061 Datasheet
266Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2161 KEC-KTD2161 Datasheet
264Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
Class D/1-Bit Audio Power Output Stage
REV.0
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
High Power Class B Amplifier
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
Class-D Audio Power Stage
5/07-Revision 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com