Electronic Components Datasheet Search
  English  ▼

X  

GS551 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS551
Description  High Power, Class B Output Stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS551 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS551 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS551 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
510 - 31 - 04
3
Base Current
Compensation
7
6
2
4
5
1
9
2
3
10
6
8
Fig. 2 GS551 Functional Schematic
Fig. 3 Application Circuit
REFERENCE
VOLTAGE
C
- B
0.1
10k
RVC
100k
4
2
97
8 3
0.047
0.047
1
10
6
1.3 VDC
5
- A
GS551
LC506
REGULATOR
+
_
30k
230
RGT
50k
1.0
0.1
4.7
RS
3.9k
5
4
2
3
1
CI2960
All resistors in ohms,all capacitors in farads unless otherwise stated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com