Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14713
Description  3V DC power supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14713 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14713 Datasheet HTML 1Page - Maxim Integrated Products MAX14713 Datasheet HTML 2Page - Maxim Integrated Products MAX14713 Datasheet HTML 3Page - Maxim Integrated Products MAX14713 Datasheet HTML 4Page - Maxim Integrated Products MAX14713 Datasheet HTML 5Page - Maxim Integrated Products MAX14713 Datasheet HTML 6Page - Maxim Integrated Products MAX14713 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Evaluates: MAX14713/MAX14714
MAX14713 Evaluation Kit
General Description
The MAX14713 evaluation kit (EV kit) is a fully assembled
and tested circuit board that demonstrates the MAX14713
power path selector. To evaluate the MAX14714, request
a sample from Maxim and replace the MAX14713 with
the MAX14714.
EV Kit Contents
● MAX14713 EV Kit Board
Features
● 1.6V to 5.5V Operating Voltage Range
● Proven PCB Layout
● Fully Assembled and Tested
19-8787; Rev 1; 8/17
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX14713 EV kit
● 3V DC power supply
● Two 5V DC power supplies
● Multimeter
Procedure
The MAX14713 EV kit is fully assembled and tested.
Follow these steps to verify board operation:
1) Verify that all jumpers are in their default positions.
2) Connect 3V DC supply to VIO. Turn on the power
supply.
3) Connect one 5V DC supply to IN1. Connect one 5V
DC supply to IN2.
4) Turn on IN1 supply. Verify LED1 is on and OUT is 5V.
5) Turn off IN1 supply. Verify LED1 is off.
6) Turn on IN2 supply. Verify LED1 is on and OUT is 5V.
7) Turn off IN2 supply. Verify LED1 is off.
8) Set IN1 to 4V and IN2 to 3.5V, and turn on both
power supplies. Verify OUT goes to 4V.
9) Increase IN2 to 4.1V. Note that OUT is still 4V.
10) Slowly increase IN2. Verify OUT = IN2 when IN2
reaches ~4.2V.
11) After OUT = IN2. Decrease IN2 to 3.9V. Verify OUT =
IN2 still.
12) Slowly decrease IN2. Verify OUT = IN1(4V) when IN2
reaches ~3.8V.


Similar Part No. - MAX14713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14713EWL+ MAXIM-MAX14713EWL+ Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
More results

Similar Description - MAX14713

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
3V POWER SUPPLY with WATCHDOG TIMER
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
logo
Maxim Integrated Produc...
MAX16990EVKIT MAXIM-MAX16990EVKIT Datasheet
462Kb / 10P
3V to 36V, 10A DC power supply
Rev 0; 9/13
MAX17292EVKIT MAXIM-MAX17292EVKIT Datasheet
406Kb / 8P
3V to 8V, 10A DC power supply
Rev 0; 9/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com