Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14713
Description  3V DC power supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14713 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14713 Datasheet HTML 1Page - Maxim Integrated Products MAX14713 Datasheet HTML 2Page - Maxim Integrated Products MAX14713 Datasheet HTML 3Page - Maxim Integrated Products MAX14713 Datasheet HTML 4Page - Maxim Integrated Products MAX14713 Datasheet HTML 5Page - Maxim Integrated Products MAX14713 Datasheet HTML 6Page - Maxim Integrated Products MAX14713 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX14713/MAX14714
MAX14713 Evaluation Kit
DESIGNATION
QTY
DESCRIPTION
C1–C3
3
1µF ±10%, 50V X5R ceramic capacitors (0805)
C4, C5
2
47µF ±10%, 16V tantalum capacitors
C6, C7
2
10µF ±10%, 25V X5R ceramic capacitors (1206)
C8−C27
20
DNI (2917)
D1, D2
2
75V 0.15A diodes, Diodes Incorporated 1N4148WS-7-F
JU1, JU2
2
3-pin single-row headers
JU3, JU5−JU8
5
2-pin single-row headers
LED1
1
Green LED
R1–R3, R6
4
1kΩ ±1% resistors (0805)
R5
1
10Ω ±1% 5W resistor, Ohmite WNE10RFET
TB1–TB3
3
Terminal block
TP1, TP3, TP7–TP9
5
Black test points
TP2, TP4–TP6
4
Red test points
U1
1
Power path selector (15 WLP), Maxim MAX14713EWL+
—
7
Shunts
—
1
PCB: MAX14713 EVKIT
MAX14713 EV Kit Bill of Materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com