Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14713
Description  3V DC power supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14713 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14713 Datasheet HTML 1Page - Maxim Integrated Products MAX14713 Datasheet HTML 2Page - Maxim Integrated Products MAX14713 Datasheet HTML 3Page - Maxim Integrated Products MAX14713 Datasheet HTML 4Page - Maxim Integrated Products MAX14713 Datasheet HTML 5Page - Maxim Integrated Products MAX14713 Datasheet HTML 6Page - Maxim Integrated Products MAX14713 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX14713/MAX14714
MAX14713 Evaluation Kit
Detailed Description of Hardware
The MAX14713 EV kit is a fully assembled and tested circuit
board demonstrating the MAX14713 power path selector IC
in a 15-bump, surface-mount, wafer-level package (WLP).
The MAX14713 EV kit features an LED to indicate that
input is powered from either channel 1 or 2.
Enable Inputs
Use JU1 and JU2 to enable the device. See Table 1 for
jumper settings.
Output Load
Use JU3, JU5, and JU7 to select output load. See Table 2
for jumper settings.
VIO Power Source
Use JU6 to select the VIO power source. See Table 3 for
jumper settings.
LED Indicator
Use JU8 to enable the LED indicator. See Table 4 for
jumper settings.
Table 3. VIO Power Source Jumper Settings
Table 4. LED Indicator Jumper Settings
*Default position.
*Default position.
*Default position.
*Default position.
Table 1. Enable Input Jumper Settings
Table 2. Output Load Jumper Settings
JUMPER
SHUNT
POSITION
DESCRIPTION
JU6
Installed
VIO is powered from either IN1 or
IN2. Do not connect power on VIO
(TP6) if shunt is installed.
Not
installed*
VIO is powered from TP6.
JUMPER
SHUNT
POSITION
DESCRIPTION
JU8
Installed*
LED1 is enabled. LED1 turns on
when either IN1 or IN2 is powered.
Not
installed
LED1 is disabled.
JUMPER
SHUNT
POSITION
DESCRIPTION
JU1
1-2
EN1 is connected to VIO (TP6)
through R1, channel 1 is disabled.
2-3*
EN1 is connected to GND through
R1, channel 1 is enabled.
JU2
1-2
EN2 is connected to VIO (TP6)
through R2, channel 2 is disabled.
2-3*
EN2 is connected to GND through
R2, channel 2 is enabled.
JUMPER
SHUNT
POSITION
DESCRIPTION
JU3
Installed
OUT is connected to R5, 10Ω.
Not
installed*
OUT is not connected to R5.
JU5
Installed
OUT is connected to R3, 1kΩ.
Not
installed*
OUT is not connected to R3.
JU7
Installed
OUT is connected to C4 and C5.
Not
installed*
OUT is not connected to C4 and
C5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com