Electronic Components Datasheet Search
  English  ▼

X  

FXLS90220 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FXLS90220
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90220 Datasheet(HTML) 5 Page - NXP Semiconductors

  FXLS90220 Datasheet HTML 1Page - NXP Semiconductors FXLS90220 Datasheet HTML 2Page - NXP Semiconductors FXLS90220 Datasheet HTML 3Page - NXP Semiconductors FXLS90220 Datasheet HTML 4Page - NXP Semiconductors FXLS90220 Datasheet HTML 5Page - NXP Semiconductors FXLS90220 Datasheet HTML 6Page - NXP Semiconductors FXLS90220 Datasheet HTML 7Page - NXP Semiconductors FXLS90220 Datasheet HTML 8Page - NXP Semiconductors FXLS90220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
6.2 PSI5 application diagrams
6.2.1 PSI5 parallel or universal mode application diagram
VBUF
IDATA
VSS
VCC
VCE
VSS
C4
C3
C2
C1
R2
R1
aaa-030556
Figure 3. PSI5 parallel or universal mode application diagram
Ref
Des
Type
Description
Component value selection and range
Purpose
R1
General
purpose
82 Ω, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For proper device function, the minimum value
can be 0 Ω. The maximum value is determined
by the minimum bus voltage provided at the
module pin and the minimum operating voltage of
the device. To meet the minimum PSI5 operating
voltage at the module pin, the maximum
resistance including all tolerances is 89.0 Ω.[1]
VCC filtering and signal damping
R2
General
purpose
27 Ω, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
For proper device function, the minimum value
can be 0 Ω. The maximum value is determined
by the minimum bus voltage provided at the
module pin. To meet the minimum PSI5 operating
voltage at the module pin, the maximum
resistance including all tolerances is 66.6 Ω. If
the low response current is used, the maximum
resistance including all tolerances is 133 Ω.
IDATA filtering and signal damping
C1
Ceramic
2.2 nF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing
VCC power supply decoupling and signal
damping. For optimal EMC performance, this
component is to be placed as close to the BUS_I
and BUSRTN connector pins as possible.
C2
Ceramic
15 nF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing[2]
VCC power supply decoupling. For optimal EMC
performance, this component is to be placed
as close to the BUS_I and BUSRTN pins as
possible.
C3
Ceramic
470 pF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing
IDATA Filtering and Signal Damping
Table 4. PSI5 parallel or universal mode external component recommendations
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
5 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com