Electronic Components Datasheet Search
  English  ▼

X  

FXLS90220 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FXLS90220
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90220 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FXLS90220 Datasheet HTML 3Page - NXP Semiconductors FXLS90220 Datasheet HTML 4Page - NXP Semiconductors FXLS90220 Datasheet HTML 5Page - NXP Semiconductors FXLS90220 Datasheet HTML 6Page - NXP Semiconductors FXLS90220 Datasheet HTML 7Page - NXP Semiconductors FXLS90220 Datasheet HTML 8Page - NXP Semiconductors FXLS90220 Datasheet HTML 9Page - NXP Semiconductors FXLS90220 Datasheet HTML 10Page - NXP Semiconductors FXLS90220 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
Ref
Des
Type
Description
Component value selection and range
Purpose
R3
General
purpose
20 kΩ, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
Gate resistor for external low side daisy chain
FET
C1
Ceramic
2.2 nF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
VCC power supply decoupling and signal
damping. For optimal EMC performance, this
component is to be placed as close to the BUS_I
and BUSRTN connector pins as possible.
C2
Ceramic
15 nF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
VCC power supply decoupling. For optimal EMC
performance, this component is to be placed
as close to the BUS_I and BUSRTN pins as
possible.
C3
Ceramic
470 pF, 10
%, 50 V
minimum,
X7R
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
IDATA Filtering and Signal Damping
C4
Ceramic
0.47 µF,
10 %, 10 V
minimum,
X7R
The optimal value of this component should be
determined based on the system level micro-cut
immunity requirement. To achieve the specified
power supply rejection, the minimum value
including all tolerances is 0.22 µF. The maximum
specified value including all tolerances is 2 µF.
For optimal EMC performance, this component is
to be placed as close to the VBUF and BUSRTN
pins as possible.
R4
General
purpose
100 kΩ, 5 %,
200 PPM
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
Gate pulldown resistor for external low side daisy
chain FET
M1
N-Channel
MOSFET
NTR4501NT1G,
or similar
The optimal value of this component should be
determined by the system level communication,
EMC, and ESD testing.
Low side daisy chain transistor
Note:
The total bus capacitance must not exceed the values specified in the PSI5 standard.
R1 must be sized to handle both the programming current at the maximum rated temperature for programming and the operating
current at the maximum rated temperature for operation.
If the high baud rate is used, NXP recommends reducing the value of C2. The actual value depends on the bus configuration and
number of slaves.
Table 5. PSI5 daisy chain mode external component recommendations...continued
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
7 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com