Electronic Components Datasheet Search
  English  ▼

X  

FXLS90220 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXLS90220
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90220 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXLS90220 Datasheet HTML 4Page - NXP Semiconductors FXLS90220 Datasheet HTML 5Page - NXP Semiconductors FXLS90220 Datasheet HTML 6Page - NXP Semiconductors FXLS90220 Datasheet HTML 7Page - NXP Semiconductors FXLS90220 Datasheet HTML 8Page - NXP Semiconductors FXLS90220 Datasheet HTML 9Page - NXP Semiconductors FXLS90220 Datasheet HTML 10Page - NXP Semiconductors FXLS90220 Datasheet HTML 11Page - NXP Semiconductors FXLS90220 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
6.3 SPI application diagram
VCC
VCCIO
VSS
VCC
SCLK
MOSI
MISO
C1
PCM
SS_B
aaa-030560
Figure 5. SPI application diagram
Ref Des
Type
Typical value description
Comment
C1
Ceramic
0.1 µF, 10 %, 10 V Minimum,
X7R
VCC power supply decoupling.
For optimal EMC performance,
this component is to be placed
as close to the VCC and VSS pins
as possible.
Table 6. SPI external component recommendations
6.4 I2C application diagram
VCC
VBUF
VSS
VCC
VCC
C1
R1
SS_B
aaa-030561
SDA
SCL
R3
VCC
R2
Figure 6. I2C application diagram
Ref Des
Type
Description
Purpose
R1
General purpose
1000 Ω, 5 %, 200 PPM
I2C selection pin pull-up resistor
R2
General purpose
1000 Ω, 5 %, 200 PPM
Serial clock pull-up resistor
R3
General purpose
1000 Ω, 5 %, 200 PPM
Serial data pull-up resistor
C1
Ceramic
0.1 µF, 10 %, 10 V Minimum,
X7R
VCC power supply decoupling
Table 7. I2C external component recommendations
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
8 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com