Electronic Components Datasheet Search
  English  ▼

X  

FXLS93230 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FXLS93230
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93230 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FXLS93230 Datasheet HTML 16Page - NXP Semiconductors FXLS93230 Datasheet HTML 17Page - NXP Semiconductors FXLS93230 Datasheet HTML 18Page - NXP Semiconductors FXLS93230 Datasheet HTML 19Page - NXP Semiconductors FXLS93230 Datasheet HTML 20Page - NXP Semiconductors FXLS93230 Datasheet HTML 21Page - NXP Semiconductors FXLS93230 Datasheet HTML 22Page - NXP Semiconductors FXLS93230 Datasheet HTML 23Page - NXP Semiconductors FXLS93230 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
LPF 400 Hz, 4p LPF 400 Hz, 3p LPF 180 Hz, 2p LPF 325 Hz, 3p LPF 1500 Hz, 4p LPF 800 Hz, 4p
User
range
(g)
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
375
2
1
2
1
1
1
2
1
3
1
2
1
500
2
1
2
1
1
1
1
1
2
1
2
1
Table 20. Lateral, High g, SPI/DSI3 12-bit noise specification...continued
LPF 400 Hz, 4p LPF 400 Hz, 3p LPF 180 Hz, 2p LPF 325 Hz, 3p LPF 1500 Hz, 4p LPF 800 Hz, 4p
User
range
(g)
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
Peak
LSB
12 bit
RMS
LSB
12 bit
50
21
6
22
6
15
4
20
5
41
11
30
8
62.5
17
5
18
5
12
3
16
4
33
9
24
6
100
11
3
11
3
8
2
10
3
21
6
15
4
125
8
2
9
2
6
2
8
2
16
4
12
3
187
6
2
6
2
4
1
6
2
11
3
8
2
250
5
2
5
2
3
1
4
1
9
2
6
2
312.5
4
1
3
1
3
1
3
1
7
2
5
2
375
3
1
3
1
2
1
2
1
6
2
4
1
500
3
1
3
1
2
1
2
1
5
1
3
1
Table 21. Z-Axis, High g, SPI/DSI3 12-bit noise specification
Table 22 and Table 23 list the adjusted specification limits for some PSI5 10-bit user gain
settings and low-pass filter selections on the lateral, and Z-axis.
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 800 Hz, 4p
User
range
(g)
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
60, PSI5
3
0.6
3
0.7
4
0.9
120, PSI5
2
0.5
2
0.6
2
0.8
240 PSI5
1
0.5
2
0.6
2
0.8
480 PSI5
1
0.5
2
0.6
2
0.8
Table 22. Lateral, High g, PSI5 10-bit noise specification
LPF 400 Hz, 4p
LPF 400 Hz, 3p
LPF 800 Hz, 4p
User
range
(g)
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
Peak
LSB 10 bit
RMS
LSB 10 bit
60, PSI5
5
1.1
5
1.2
6
1.6
120, PSI5
3
0.6
3
0.7
4
0.9
Table 23. Z-Axis, High g, PSI5 10-bit noise specification
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
20 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com